Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP706 Datasheet(PDF) 261 Page - Microchip Technology

Part # DSPIC33FJ64GP706
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP706 Datasheet(HTML) 261 Page - Microchip Technology

Back Button DSPIC33FJ64GP706 Datasheet HTML 257Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 258Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 259Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 260Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 261Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 262Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 263Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 264Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 265Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 259
dsPIC33FJXXXGPX06/X08/X10
TABLE 25-4:
DC TEMPERATURE AND VOLTAGE SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
Param
No.
Symbol
Characteristic
Min
Typ(1)
Max
Units
Conditions
Operating Voltage
DC10
Supply Voltage
VDD
—3.0
—
3.6
V
—
DC12
VDR
RAM Data Retention Voltage(2)
1.8
—
—
V
—
DC16
VPOR
VDD Start Voltage(4)
to ensure internal
Power-on Reset signal
——
VSS
V—
DC17
SVDD
VDD Rise Rate
to ensure internal
Power-on Reset signal
0.03
—
—
V/ms 0-3.0V in 0.1s
DC18
VCORE
VDD Core(3)
Internal regulator voltage
2.25
—
2.75
V
Voltage is dependent on
load, temperature and
VDD
Note 1: Data in “Typ” column is at 3.3V, 25°C unless otherwise stated.
2: This is the limit to which VDD can be lowered without losing RAM data.
3: These parameters are characterized but not tested in manufacturing.
4: VDD voltage must remain at VSS for a minimum of 200
μs to ensure POR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com