Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP706 Datasheet(PDF) 262 Page - Microchip Technology

Part # DSPIC33FJ64GP706
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP706 Datasheet(HTML) 262 Page - Microchip Technology

Back Button DSPIC33FJ64GP706 Datasheet HTML 258Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 259Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 260Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 261Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 262Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 263Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 264Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 265Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 266Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 322 page
background image
dsPIC33FJXXXGPX06/X08/X10
DS70286C-page 260
© 2009 Microchip Technology Inc.
TABLE 25-5:
DC CHARACTERISTICS: OPERATING CURRENT (IDD)
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
Parameter
No.
Typical(1)
Max
Units
Conditions
Operating Current (IDD)(2)
DC20d
27
30
mA
-40°C
3.3V
10 MIPS
DC20a
27
30
mA
+25°C
DC20b
27
30
mA
+85°C
DC21d
36
40
mA
-40°C
3.3V
16 MIPS
DC21a
37
40
mA
+25°C
DC21b
38
45
mA
+85°C
DC22d
43
50
mA
-40°C
3.3V
20 MIPS
DC22a
46
50
mA
+25°C
DC22b
46
55
mA
+85°C
DC23d
65
70
mA
-40°C
3.3V
30 MIPS
DC23a
65
70
mA
+25°C
DC23b
65
70
mA
+85°C
DC24d
84
90
mA
-40°C
3.3V
40 MIPS
DC24a
84
90
mA
+25°C
DC24b
84
90
mA
+85°C
Note 1: Data in “Typical” column is at 3.3V, 25°C unless otherwise stated.
2: The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O
pin loading and switching rate, oscillator type, internal code execution pattern and temperature, also have
an impact on the current consumption. The test conditions for all IDD measurements are as follows: OSC1
driven with external square wave from rail to rail. All I/O pins are configured as inputs and pulled to VSS.
MCLR = VDD, WDT and FSCM are disabled. CPU, SRAM, program memory and data memory are
operational. No peripheral modules are operating; however, every peripheral is being clocked (PMD bits
are all zeroed).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com