Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP706 Datasheet(PDF) 265 Page - Microchip Technology

Part # DSPIC33FJ64GP706
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP706 Datasheet(HTML) 265 Page - Microchip Technology

Back Button DSPIC33FJ64GP706 Datasheet HTML 261Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 262Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 263Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 264Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 265Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 266Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 267Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 268Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 269Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 263
dsPIC33FJXXXGPX06/X08/X10
TABLE 25-9:
DC CHARACTERISTICS: I/O PIN INPUT SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
Param
No.
Symbol
Characteristic
Min
Typ(1)
Max
Units
Conditions
VIL
Input Low Voltage
DI10
I/O pins
VSS
—0.2 VDD
V
DI15
MCLR
VSS
—0.2 VDD
V
DI16
I/O Pins with OSC1 or SOSCI
VSS
—0.2 VDD
V
DI18
I/O Pins with I2CVSS
—
0.3 VDD
V
SMbus disabled
DI19
I/O Pins with I2C
VSS
—
0.2 VDD
V
SMbus enabled
VIH
Input High Voltage
DI20
I/O Pins Not 5V Tolerant(4)
I/O Pins 5V Tolerant(4)
0.8 VDD
0.8 VDD
—
—
VDD
5.5
V
V
I/O Pins Not 5V Tolerant(4)
I/O Pins 5V Tolerant(4)
2
2
—
—
VDD
5.5
V
V
VDD = 3.3V
VDD = 3.3V
DI26
I/O Pins with OSC1 or SOSCI 0.7 VDD
—VDD
V
DI28
I/O Pins with I2C0.7 VDD
—
5.5
V
SMbus disabled
DI29
I/O Pins with I2C
0.8 VDD
—
5.5
V
SMbus enabled
ICNPU
CNx Pull-up Current
DI30
50
250
400
μAVDD = 3.3V, VPIN = VSS
IIL
Input Leakage Current(2,3)
DI50
I/O Pins
—
—
±2
μAVSS ≤ VPIN ≤ VDD,
Pin at high-impedance
DI51
I/O Pins Not 5V Tolerant(4)
——
±2
μAVSS ≤ VPIN ≤ VDD,
Pin at high-impedance
DI51a
I/O Pins Not 5V Tolerant(4)
——
±2
μA
Shared with external reference
pins
DI51b
I/O Pins Not 5V Tolerant(4)
——
±3.5
μAVSS ≤ VPIN ≤ VDD, Pin at
high-impedance
DI51c
I/O Pins Not 5V Tolerant(4)
——
±8
μA
Analog pins shared with
external reference pins
DI55
MCLR
——
±2
μAVSS ≤ VPIN ≤ VDD
DI56
OSC1
—
—
±2
μAVSS ≤ VPIN ≤ VDD,
XT and HS modes
Note 1: Data in “Typ” column is at 3.3V, 25°C unless otherwise stated.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input
voltages.
3: Negative current is defined as current sourced by the pin.
4: See “Pin Diagrams” for a list of 5V tolerant pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com