Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP706 Datasheet(PDF) 267 Page - Microchip Technology

Part # DSPIC33FJ64GP706
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP706 Datasheet(HTML) 267 Page - Microchip Technology

Back Button DSPIC33FJ64GP706 Datasheet HTML 263Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 264Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 265Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 266Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 267Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 268Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 269Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 270Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 271Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 265
dsPIC33FJXXXGPX06/X08/X10
TABLE 25-13: INTERNAL VOLTAGE REGULATOR SPECIFICATIONS
TABLE 25-12: DC CHARACTERISTICS: PROGRAM MEMORY
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
Param
No.
Symbol
Characteristic
Min
Typ(1)
Max
Units
Conditions
Program Flash Memory
D130a
EP
Cell Endurance
100
1000
—
E/W See Note 2
D131
VPR
VDD for Read
VMIN
—3.6
V
VMIN = Minimum operating
voltage
D132B
VPEW
VDD for Self-Timed Write
VMIN
—3.6
V
VMIN = Minimum operating
voltage
D134
TRETD
Characteristic Retention
20
—
—
Year Provided no other specifications
are violated
D135
IDDP
Supply Current during
Programming
—10
—
mA
D136a
TRW
Row Write Time
1.32
—
1.74
ms
TRW = 11064 FRC cycles,
See Note 2
D137a
TPE
Page Erase Time
20.1
—
26.5
ms
TPE = 168517 FRC cycles,
See Note 2
D138a
TWW
Word Write Cycle Time
42.3
—
55.9
µs
TWW = 355 FRC cycles,
See Note 2
Note 1: Data in “Typ” column is at 3.3V, 25°C unless otherwise stated.
2: Other conditions: FRC = 7.37 MHz, TUN<5:0> = b'011111 (for Min), TUN<5:0> = b'100000 (for Max).
This parameter depends on the FRC accuracy (see Table 25-19) and the value of the FRC Oscillator
Tuning register (see Register 9-4). For complete details on calculating the Minimum and Maximum time
see Section 5.3 “Programming Operations”.
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
Param
No.
Symbol
Characteristics
Min
Typ
Max
Units
Comments
CEFC
External Filter Capacitor
Value
4.7
10
—
μF
Capacitor must be low
series resistance
(< 5 ohms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com