Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP706 Datasheet(PDF) 269 Page - Microchip Technology

Part # DSPIC33FJ64GP706
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP706 Datasheet(HTML) 269 Page - Microchip Technology

Back Button DSPIC33FJ64GP706 Datasheet HTML 265Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 266Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 267Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 268Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 269Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 270Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 271Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 272Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 273Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 267
dsPIC33FJXXXGPX06/X08/X10
FIGURE 25-2:
EXTERNAL CLOCK TIMING
TABLE 25-16: EXTERNAL CLOCK TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
Param
No.
Sym
bol
Characteristic
Min
Typ(1)
Max
Units
Conditions
OS10
FIN
External CLKI Frequency
(External clocks allowed only
in EC and ECPLL modes)
DC
—
40
MHz
EC
Oscillator Crystal Frequency
3.5
10
—
—
—
—
10
40
33
MHz
MHz
kHz
XT
HS
SOSC
OS20
TOSC
TOSC = 1/FOSC
12.5
—
DC
ns
—
OS25
TCY
Instruction Cycle Time(2)
25
—
DC
ns
—
OS30
TosL,
TosH
External Clock in (OSC1)
High or Low Time
0.375 x TOSC
—
0.625 x TOSC
ns
EC
OS31
TosR,
TosF
External Clock in (OSC1)
Rise or Fall Time
—
—
20
ns
EC
OS40
TckR
CLKO Rise Time(3)
—5.2
—
ns
—
OS41
TckF
CLKO Fall Time(3)
—5.2
—
ns
—
OS42
GM
External Oscillator
Transconductance(4)
14
16
18
mA/V VDD = 3.3V
TA = +25ºC
Note 1: Data in “Typ” column is at 3.3V, 25°C unless otherwise stated.
2: Instruction cycle period (TCY) equals two times the input oscillator time-base period. All specified values
are based on characterization data for that particular oscillator type under standard operating conditions
with the device executing code. Exceeding these specified limits may result in an unstable oscillator
operation and/or higher than expected current consumption. All devices are tested to operate at “min.”
values with an external clock applied to the OSC1/CLKI pin. When an external clock input is used, the
“max.” cycle time limit is “DC” (no clock) for all devices.
3: Measurements are taken in EC mode. The CLKO signal is measured on the OSC2 pin.
4: Data for this parameter is Preliminary. This parameter is characterized, but not tested in manufacturing.
Q1
Q2
Q3
Q4
OSC1
CLKO
Q1
Q2
Q3
Q4
OS20
OS25
OS30
OS30
OS40
OS41
OS31
OS31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com