Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1330 Datasheet(PDF) 9 Page - ams AG

Part # AS1330
Description  4MHz, Low Vol tage, DC-DC Step-Up Conver ter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1330 Datasheet(HTML) 9 Page - ams AG

Back Button AS1330 Datasheet HTML 5Page - ams AG AS1330 Datasheet HTML 6Page - ams AG AS1330 Datasheet HTML 7Page - ams AG AS1330 Datasheet HTML 8Page - ams AG AS1330 Datasheet HTML 9Page - ams AG AS1330 Datasheet HTML 10Page - ams AG AS1330 Datasheet HTML 11Page - ams AG AS1330 Datasheet HTML 12Page - ams AG AS1330 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1330
Revision 1.06
8 - 17
AS1330
Datasheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
The AS1330 can operate from a single-cell input voltage (VIN) below 1V, and features fixed frequency (4MHz) and current mode PWM control for
exceptional line- and load-regulation. With low RDS(ON) and gate charge internal NMOS and PMOS switches, the device maintains high-
efficiency from light to heavy loads.
Modern portable devices frequently spend extended time in low-power or standby modes, switching to high power-drain only when certain
functions are enabled. The AS1330 is ideal for portable devices since it maintain high-power conversion efficiency over a wide output power
range, thus increasing battery life in these types of devices.
In addition to high-efficiency at moderate and heavy loads, the AS1330 includes an automatic powersave mode that improves efficiency of the
power converter at light loads. The powersave mode is initiated if the output load current falls below a factory programmed threshold.
Figure 19. AS1330 - Block Diagram
Low-Voltage Start-Up
The AS1330 requires VIN of only 0.85V (typ) or higher to start up. The low-voltage start-up circuitry controls the internal NMOS switch up to a
maximum peak inductor current of 650mA (typ), with 1.5ms (approx.) off-time during start-up, allowing the devices to start up into an output load.
With a VOUT > 1.65V, the start-up circuitry is disabled and normal fixed-frequency PWM operation is initiated. In this mode, the AS1330 operates
independent of VIN, allowing extended operating time as the battery can drop to several tenths of a volt without affecting output regulation. The
limiting factor for the application is the ability of the battery to supply sufficient energy to the output.
Low-Noise Fixed-Frequency Operation
Oscillator
The AS1330 switching frequency is internally fixed at 4MHz allowing the use of very small external components.
AS1330
+
–
Start Up
OSC
PWM
Control
A/B
MUX
Slope
Compensator
4MHz
Ramp
Generator
+
–
Powersave
Operation
Control
–
Shutdown
Control
PWM
Comp
Σ
+
–
0.8V
Ref
Sync Drive
Control
A
B
VOUT
Good
1.65V
gm Error
Amp
Shutdown
Powersave
0.25
Ω
0.35
Ω
C2
4.7µF
1.8V
Output
C1
4.7µF
AA Battery
Current
Sense
RC
CP2
CC
GND
2
SW
1
4
EN
3
FB
6
VIN
5
VOUT
L1
1µH
Sense & POK
Logic
1
SENSE
4
POK
On
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com