Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1330 Datasheet(PDF) 6 Page - ams AG

Part # AS1330
Description  4MHz, Low Vol tage, DC-DC Step-Up Conver ter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1330 Datasheet(HTML) 6 Page - ams AG

Back Button AS1330 Datasheet HTML 2Page - ams AG AS1330 Datasheet HTML 3Page - ams AG AS1330 Datasheet HTML 4Page - ams AG AS1330 Datasheet HTML 5Page - ams AG AS1330 Datasheet HTML 6Page - ams AG AS1330 Datasheet HTML 7Page - ams AG AS1330 Datasheet HTML 8Page - ams AG AS1330 Datasheet HTML 9Page - ams AG AS1330 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1330
Revision 1.06
5 - 17
AS1330
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
VIN = 1.2V, VOUT = 1.8V, L = 1 H, C1 = C2 = 10 F, TAMB = +25ºC (unless otherwise specified);
Figure 3. Efficiency vs. Output Current, VOUT = 1.8V
Figure 4. Efficiency vs. Input Voltage, VOUT = 1.8V
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current (mA)
V in = 1.0V
V in = 1.2V
V in = 1.5V
30
40
50
60
70
80
90
100
0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8
Input Voltage (V)
Iout = 1mA
Iout = 10mA
Iout = 50mA
Figure 5. Efficiency vs. Output Current, VOUT = 3.0V
Figure 6. Efficiency vs. Input Voltage, VOUT = 3.0V
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current (mA)
V in = 1.0V
V in = 1.5V
V in = 2.0V
30
40
50
60
70
80
90
100
0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0
Input Voltage (V)
Iout = 1mA
Iout = 10mA
Iout = 50mA
Iout = 100mA
Figure 7. Efficiency vs. IOUT, Coil Comparision
Figure 8. Efficiency vs. IOUT, Coil Comparision
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current (mA)
820nH EPL2010
470nH LQH
1µH LQH
1µH EPL2010
VIN = 1.0V
VOUT = 1.8V
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current (mA)
820nH EPL2010
1µH LQH
1µH EPL2010
VIN = 1.5V
VOUT = 3.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com