Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1330 Datasheet(PDF) 10 Page - ams AG

Part # AS1330
Description  4MHz, Low Vol tage, DC-DC Step-Up Conver ter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1330 Datasheet(HTML) 10 Page - ams AG

Back Button AS1330 Datasheet HTML 6Page - ams AG AS1330 Datasheet HTML 7Page - ams AG AS1330 Datasheet HTML 8Page - ams AG AS1330 Datasheet HTML 9Page - ams AG AS1330 Datasheet HTML 10Page - ams AG AS1330 Datasheet HTML 11Page - ams AG AS1330 Datasheet HTML 12Page - ams AG AS1330 Datasheet HTML 13Page - ams AG AS1330 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1330
Revision 1.06
9 - 17
AS1330
Datasheet - D e t a i l e d D e s c r i p t i o n
Current Sensing
A signal representing the internal NMOS-switch current is summed with the slope compensator. The summed signal is compared to the error
amplifier output to provide a peak current control command for the PWM. Peak switch current is limited to approximately 650mA independent of
VIN or VOUT.
Zero Current Comparator
The zero current comparator monitors the inductor current to the output and shuts off the PMOS synchronous rectifier once this current drops to
20mA (approx.). This prevents the inductor current from reversing polarity and results in improved converter efficiency at light loads.
Anti-Ringing Control
Anti-ringing control circuitry prevents high-frequency ringing on pin SW as the inductor current approaches zero. This is accomplished by
damping the resonant circuit formed by the inductor and the capacitance on pin SW (CSW).
Powersave Operation
In light load conditions, the integrated powersave feature removes power from all circuitry not required to monitor VOUT. When VOUT has
dropped approximately 1% from nominal, the device powers up and begins normal PWM operation.
C2 recharges, causing the AS1330 to re-enter powersave mode as long as the output load remains below the powersave threshold. The
frequency of this intermittent PWM is proportional to load current; i.e., as the load current drops further below the powersave threshold, the
AS1330 turns on less frequently. When the load current increases above the powersave threshold, the AS1330 will resume continuous,
seamless PWM operation.
Notes:
1. An optional capacitor (CFF) between pins VOUT and FB in some applications can reduce VOUTp-p ripple and input
quiescent current during powersave mode. Typical values for CFF range from 15 to 220pF.
2. In powersave mode the AS1330 draws only 30 A from the output capacitor(s), greatly improving converter efficiency.
Shutdown
When pin EN is low the AS1330 is switched off and <1 A current is drawn from the battery; when pin EN is high the device is switched on. If EN
is driven from a logic-level output, the logic high-level (on) should be referenced to VOUT to avoid intermittently switching the device on.
In shutdown the battery input is disconnected from the output.
Thermal Overload Protection
To prevent the AS1330 from short-term misuse and overload conditions the chip includes a thermal overload protection. To block the normal
operation mode the device is turning the PFET and the NFET off in PWM mode as soon as the junction temperature exceeds 150°C. To resume
the normal operation the temperature has to drop below 140°C.
Note:
Continuing operation in thermal overload conditions may damage the device and is considered bad practice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com