Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1330 Datasheet(PDF) 14 Page - ams AG

Part # AS1330
Description  4MHz, Low Vol tage, DC-DC Step-Up Conver ter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1330 Datasheet(HTML) 14 Page - ams AG

Back Button AS1330 Datasheet HTML 10Page - ams AG AS1330 Datasheet HTML 11Page - ams AG AS1330 Datasheet HTML 12Page - ams AG AS1330 Datasheet HTML 13Page - ams AG AS1330 Datasheet HTML 14Page - ams AG AS1330 Datasheet HTML 15Page - ams AG AS1330 Datasheet HTML 16Page - ams AG AS1330 Datasheet HTML 17Page - ams AG AS1330 Datasheet HTML 18Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1330
Revision 1.06
13 - 17
AS1330
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Component Selection
Only three power components are required to complete the design of the boost converter, except the additional two resistors for the voltage
divider to set VOUT. The high operating frequency and low peak currents of the AS1330 allow the use of low value, low profile inductors and tiny
external ceramic capacitors.
Inductor Selection
The inductor should have low ESR to reduce the I²R power losses, and must be able to handle the peak inductor current without saturating.
High-frequency ferrite core inductor materials reduce frequency dependent power losses compared to less expensive powdered iron types,
which result in improved converter efficiency.
A 1 H inductor with a >850mA current rating and low DCR is recommended. For applications where radiated noise is a concern, a toroidal or
shielded inductor can be used.
Capacitor Selection
A 4.7 F capacitor is recommended for C1 and for C2. Small-sized ceramic capacitors are recommended. X5R and X7R ceramic capacitors are
recommended as they retain capacitance over wide ranges of voltages and temperatures.
Output Capacitor Selection
Low ESR capacitors should be used to minimize VOUT ripple. Multi-layer ceramic capacitors are recommended since they have extremely low
ESR and are available in small footprints. Up to 10 F output capacitor is sufficient for most applications. Larger values up to 22 F may be used
to obtain extremely low output voltage ripple and improve transient response.
An additional phase lead capacitor may be required with output capacitors larger than 10 F to maintain acceptable phase margin. X5R and X7R
dielectric materials are recommended due to their ability to maintain capacitance over wide voltage and temperature ranges.
Input Capacitor Selection
Low ESR input capacitors reduce input switching noise and reduce the peak current drawn from the battery. Ceramic capacitors are
recommended for input decoupling and should be located as close to the device as is practical. A 4.7 F input capacitor is sufficient for most
applications. Larger values may be used without limitations.
Diode Selection
A Schottky diode should be used to carry the output current for the time it takes the PMOS synchronous rectifier to switch on. For VOUT > 3.0V
a schottky diode is mandatory, for VOUT
≤ 3.0V a it is optional, although using one will increase device efficiency by 2 to 3%. On one hand the
schottky diode reduces the overshoot on the output signal but on the other hand the output disconnect function is no longer working.
Note:
Do not use ordinary rectifier diodes, since the slow recovery times will compromise efficiency.
Table 4. Recommended External Components
Name
Part Number
Value
Rating
Type
Size
Manufacturer
C1, C2
GRM219R60J106KE19
10 F
6.3V
X5R
0805
Murata
www.murata.com
GRM188R60J475KE19
4.7 F
6.3V
X5R
0603
L1
LQH32PN1R0NN0
1 H
2.05A
45m
Ω
3.2x2.5x1.55mm
LQH32PNR47NN0
470nH
2.55A
30m
Ω
3.2x2.5x1.55mm
EPL2010-102ML
1 H
1.35A
99m
Ω
2.0x2.0x1.0mm
Coilcraft
www.coilcraft.com
EPL2010-821ML
820nH
1.6A
68m
Ω
2.0x2.0x1.0mm
EPL2010-471ML
470nH
2.2A
40m
Ω
2.0x2.0x1.0mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com