Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1330 Datasheet(PDF) 5 Page - ams AG

Part # AS1330
Description  4MHz, Low Vol tage, DC-DC Step-Up Conver ter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1330 Datasheet(HTML) 5 Page - ams AG

  AS1330 Datasheet HTML 1Page - ams AG AS1330 Datasheet HTML 2Page - ams AG AS1330 Datasheet HTML 3Page - ams AG AS1330 Datasheet HTML 4Page - ams AG AS1330 Datasheet HTML 5Page - ams AG AS1330 Datasheet HTML 6Page - ams AG AS1330 Datasheet HTML 7Page - ams AG AS1330 Datasheet HTML 8Page - ams AG AS1330 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1330
Revision 1.06
4 - 17
AS1330
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
VIN = +1.2V, VOUT = +3.0V, VEN = +1.3V, L = 1 H, C1 = C2 = 10 F, typical values @ TAMB = +25ºC (unless otherwise specified). All limits are guar-
anteed. The parameters with min and max values are guaranteed with production tests or SQC (Statistical Quality Control) methods.
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TAMB
Operating Temperature Range
-40
+85
°C
TJ
Operating Junction Temperature Range
-40
+125
°C
Input
Minimum Start-Up Voltage
IOUT = 1mA
0.85
0.9
V
VIN
Operating Voltage Range
1
1. Guaranteed by design and verified in lab characterisation.
IOUT = 1mA
0.6
3.0
V
Regulation
VOUT
Output Voltage Adjust Range
2
2. External Schottky diode is mandatory for output voltages higher than 3V.
1.8
3.0
V
Output Voltage Accuracy
VOUT > VIN + 0.6V
-3
+3
%
VFB
Feedback Voltage
for adjustable VOUT only
0.776
0.8
0.824
V
IFB
Feedback Input Current
VFB = 0.8V
10
nA
Operating Current
IQPWS
Quiescent Current
(Powersave Operation)
VOUT = 3.15V
30
50
A
IQSHDN
Quiescent Current (Shutdown)
VEN = 0V
0.05
5
A
IQ
Quiescent Current (Active)
in continuous mode
3
mA
Switches
ILKN
NMOS Switch Leakage
VSW = 3.6V
0.1
5
A
ILKP
PMOS Switch Leakage
3
3. VOUT is forced to 3.6V in production test.
VSW = VOUT = 3.6V
0.1
5
A
RONNMOS
NMOS Switch On Resistance
0.25
RONPMOS
PMOS Switch On Resistance
0.35
INMOS
NMOS Current Limit
650
mA
Maximum Duty Cycle
1
80
87
%
fSW
Switching Frequency
3.2
4
4.8
MHz
Shutdown
VENH
EN Input High
no load
1.2
V
VENL
EN Input Low
no load
0.25
V
IEN
EN Input Current
internal pull-down resistor
1
1.5
A
Power-OK
4
4. The POK parameters are tested with proprietary test modes. The POK signal is valid from VOUT = 1.9V to 3.0V.
POK Voltage Low
IPOK = 1mA
0.1
0.4
V
POK Leakage Current
VPOK = 3V, TAMB = 25ºC
1
100
nA
Power-OK Threshold
Monitor VIN, Falling Edge
0.72
0.76
V
Monitor VOUT, Falling Edge
90
92.5
95
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com