Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1330 Datasheet(PDF) 2 Page - ams AG

Part # AS1330
Description  4MHz, Low Vol tage, DC-DC Step-Up Conver ter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1330 Datasheet(HTML) 2 Page - ams AG

  AS1330 Datasheet HTML 1Page - ams AG AS1330 Datasheet HTML 2Page - ams AG AS1330 Datasheet HTML 3Page - ams AG AS1330 Datasheet HTML 4Page - ams AG AS1330 Datasheet HTML 5Page - ams AG AS1330 Datasheet HTML 6Page - ams AG AS1330 Datasheet HTML 7Page - ams AG AS1330 Datasheet HTML 8Page - ams AG AS1330 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
A S 1 3 3 0
4 M H z , L o w Vo l ta g e , D C - D C St e p - U p C o n v e r t e r
www.austriamicrosystems.com/DC-DC_Step-Up/AS1330
Revision 1.06
1 - 17
D a ta s h e e t
1 General Description
The AS1330 is a synchronous, low voltage, high efficiency DC-DC
boost converter running at a constant frequency of 4MHz. This very
high oscillator frequency allows the usage of a very a small and low
profile inductor with only 470nH. This results in a board space
requirement of only 43mm² for the complete solutions including all
external components.
AS1330 generates an output voltage between 1.8 and 3.3V from
input voltages down to 0.6V. Therefore it is ideal for application
powered by a single cell battery. AS1330 provides an output current
of 150mA @ 3.3V from a single cell.
To support high efficiency across the entire load range
the AS1330 is equipped with a synchronous rectifier and
features a power save mode for light loads.
To avoid harmful deep discharge of the battery during shutdown the
AS1330 is equipped with an output disconnect function.
AS1330 can either monitor the battery voltage (Sense pin) or report
the status of the output voltage (POK).
The AS1330 is available in a TDFN (2x2mm) 8-pin package.
2 Key Features
Input Voltage Range: 0.6V to 3.0V
Adjustable Output Voltage Range: 1.8V to 3.3V
Fixed Output Voltage: 1.8V, 3.0V
0.85V Low Start-Up Voltage
4MHz Fixed-Frequency
91% Efficiency
Delivers 150mA @ 3.3V (from Single AA Cell)
Automatic Powersave Operation for light Loads
Output Disconnect during Shutdown
Anti-Ringing Control minimizes EMI
Power Okay and Sense pin
TDFN (2x2mm) 8-pin Package
3 Applications
The AS1330 is ideal for space critical applications where ultra-small
size is critical as in medical diagnostic equipment, hand-held
instruments, digital cameras, MP3 players, GPS receivers, and PC
or Memory cards.
AA Battery
AS1330-1.8
C2
On
Off
L1
C1
GND
SW
VOUT
1.8V
EN
FB
VIN
VOUT
Figure 1. AS1330 - Typical Application Diagram
SENSE
POK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com