Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1334 Datasheet(PDF) 8 Page - ams AG

Part # AS1334
Description  650mA, Ultra low Ripple Step Down DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1334 Datasheet(HTML) 8 Page - ams AG

Back Button AS1334 Datasheet HTML 4Page - ams AG AS1334 Datasheet HTML 5Page - ams AG AS1334 Datasheet HTML 6Page - ams AG AS1334 Datasheet HTML 7Page - ams AG AS1334 Datasheet HTML 8Page - ams AG AS1334 Datasheet HTML 9Page - ams AG AS1334 Datasheet HTML 10Page - ams AG AS1334 Datasheet HTML 11Page - ams AG AS1334 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
www.austriamicrosystems.com/DC-DC_Step-Down/AS1334
Revision 1.09
7 - 18
AS1334
Datasheet - Ty pical Operating Characteristics
Figure 7. Output Voltage vs. Temperature
Figure 8. Efficiency vs. Output Current
2.94
2.96
2.98
3
3.02
3.04
3.06
-40
-15
10
35
60
85
Temperature (°C)
Iout=50mA
Iout=300mA
Iout=650mA
70
75
80
85
90
95
100
0
100
200
300
400
500
600
700
Output Current (mA)
Vi n=3.25V
Vi n=3.6V
Vi n=3.9V
Vi n=4.2V
Vi n=4.5V
Vi n=5.5V
Figure 9. Switch Peak Current Limit vs. Temperature; closed loop
Figure 10. Load Transient Response; VOUT = 3.0V, VIN = 4.2V
1
1.05
1.1
1.15
1.2
-40
-15
10
35
60
85
Temperature (°C)
Vi n=2.7V
Vi n=3.6V
Vi n=5.5V
10µs/Div
Figure 11. Startup; VIN = 3.6V, VOUT = 3.0V, IOUT<1mA,
RLOAD=3.3k
Ω
Figure 12. Startup; VIN = 4.2V, VOUT = 3.0V, IOUT<1mA,
RLOAD=3.3k
Ω
50µs/Div
50µs/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com