Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1334 Datasheet(PDF) 12 Page - ams AG

Part # AS1334
Description  650mA, Ultra low Ripple Step Down DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1334 Datasheet(HTML) 12 Page - ams AG

Back Button AS1334 Datasheet HTML 8Page - ams AG AS1334 Datasheet HTML 9Page - ams AG AS1334 Datasheet HTML 10Page - ams AG AS1334 Datasheet HTML 11Page - ams AG AS1334 Datasheet HTML 12Page - ams AG AS1334 Datasheet HTML 13Page - ams AG AS1334 Datasheet HTML 14Page - ams AG AS1334 Datasheet HTML 15Page - ams AG AS1334 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
www.austriamicrosystems.com/DC-DC_Step-Down/AS1334
Revision 1.09
11 - 18
AS1334
Datasheet - Detailed Descr i pti on
Figure 23. Typical Operating System Circuit
8.1 Operating the AS1334
AS1334’s control block turns on the internal PFET (P-channel MOSFET) switch during the first part of each switching cycle, thus allowing current
to flow from the input through the inductor to the output filter capacitor and load. The inductor limits the current to a ramp with a slope of around
(VIN - VOUT) / L, by storing energy in a magnetic field.
During the second part of each cycle, the controller turns the PFET switch off, blocking current flow from the input, and then turns the NFET (N-
channel MOSFET) synchronous rectifier on. As a result, the inductor’s magnetic field collapses, generating a voltage that forces current from
ground through the synchronous rectifier to the output filter capacitor and load.
While the stored energy is transferred back into the circuit and depleted, the inductor current ramps down with a slope around VOUT / L. The
output filter capacitor stores charge when the inductor current is high, and releases it when low, smoothing the voltage across the load. The
output voltage is regulated by modulating the PFET switch on time to control the average current sent to the load. The effect is identical to
sending a duty-cycle modulated rectangular wave formed by the switch and synchronous rectifier at SW to a low-pass filter formed by the
inductor and output filter capacitor.
The output voltage is equal to the average voltage at the SW pin.
While in operation, the output voltage is regulated by switching at a constant frequency and then modulating the energy per cycle to control
power to the load. Energy per cycle is set by modulating the PFET switch on-time pulse width to control the peak inductor current. This is done
by comparing the signal from the current-sense amplifier with a slope compensated error signal from the voltage-feedback error amplifier. At the
beginning of each cycle, the clock turns on the PFET switch, causing the inductor current to ramp up. When the current sense signal ramps past
the error amplifier signal, the PWM comparator turns off the PFET switch and turns on the NFET synchronous rectifier, ending the first part of the
cycle.
If an increase in load pulls the output down, the error amplifier output increases, which allows the inductor current to ramp higher before the
comparator turns off the PFET. This increases the average current sent to the output and adjusts for the increase in the load. Before appearing
at the PWM comparator, a slope compensation ramp from the oscillator is subtracted from the error signal for stability of the current feedback
loop. The minimum on time of PFET in PWM mode is 50ns (typ).
ON/OFF
System Con-
troller
2.7V to 5.5V
AS1334
PGND
SGND
EN
PVIN
VDD
SW
FB
10 µF
3.3 µH
VOUT
VIN
10 µF
POK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com