Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1334 Datasheet(PDF) 13 Page - ams AG

Part # AS1334
Description  650mA, Ultra low Ripple Step Down DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1334 Datasheet(HTML) 13 Page - ams AG

Back Button AS1334 Datasheet HTML 9Page - ams AG AS1334 Datasheet HTML 10Page - ams AG AS1334 Datasheet HTML 11Page - ams AG AS1334 Datasheet HTML 12Page - ams AG AS1334 Datasheet HTML 13Page - ams AG AS1334 Datasheet HTML 14Page - ams AG AS1334 Datasheet HTML 15Page - ams AG AS1334 Datasheet HTML 16Page - ams AG AS1334 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
www.austriamicrosystems.com/DC-DC_Step-Down/AS1334
Revision 1.09
12 - 18
AS1334
Datasheet - Detailed Descr i pti on
8.2 Internal Synchronous Rectifier
To reduce the rectifier forward voltage drop and the associated power loss, the AS1334 uses an internal NFET as a synchronous rectifier. The
big advantage of a synchronous rectification is the higher efficiency in a condition where the output voltage is low compared to the voltage drop
across an ordinary rectifier diode. During the inductor current down slope in the second part of each cycle the synchronous rectifier is turned on.
Before the next cycle the synchronous rectifier is turned off.
There is no need for an external diode because the NFET is conducting through its intrinsic body diode during the transient intervals before it
turns on.
8.3 Power-OK
The POK output indicates if the output voltage is within 90% of the nominal voltage level. As long as the output voltage is within regulation the
open-drain POK output sinks current.
8.4 Shutdown Mode
If EN is set to high (>1.2V) the AS1334 is in normal operation mode. During power-up and when the power supply is less than 2.7V minimum
operating voltage, the chip should be turned off by setting EN low. In shutdown mode the following blocks of the AS1334 are turned off, PFET
switch, NFET synchronous rectifier, reference voltage source, control and bias circuitry. The AS1334 is designed for compact portable
applications, such as mobile phones where the system controller controls operation mode for maximizing battery life and requirements for small
package size outweigh the additional size required for inclusion of UVLO (Under Voltage Lock-Out) circuitry.
Note:
Setting the EN digital pin low (<0.5V) places the AS1334 in a 0.01µA (typ) shutdown mode.
8.5 Thermal Overload Protection
To prevent the AS1334 from short-term misuse and overload conditions the chip includes a thermal overload protection. To block the normal
operation mode the device is turning the PFET and the NFET off in PWM mode as soon as the junction temperature exceeds 150°C. To resume
normal operation the temperature has to drop below 140°C.
Note:
Continuing operation in thermal overload conditions may damage the device and is considered bad practice.
8.6 Current Limiting For Protection
If in the PWM mode the cycle-by-cycle current limit of 1200mA (max.) is reached the current limit feature takes place and protects the device and
the external components. A timed current limiting mode is working when a load pulls the output voltage down to approximately 0.375V. In this
timed current limit mode the inductor current is forced to ramp down to a safe value. This is achieved by turning off the internal PFET switch and
delaying the start of the next cycle for 3.5us. The synchronous rectifier is also turned off in the timed current limit mode.
The advantage of the timed current limit mode is to prevent the device from the loss of the current control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com