Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1334 Datasheet(PDF) 14 Page - ams AG

Part # AS1334
Description  650mA, Ultra low Ripple Step Down DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1334 Datasheet(HTML) 14 Page - ams AG

Back Button AS1334 Datasheet HTML 10Page - ams AG AS1334 Datasheet HTML 11Page - ams AG AS1334 Datasheet HTML 12Page - ams AG AS1334 Datasheet HTML 13Page - ams AG AS1334 Datasheet HTML 14Page - ams AG AS1334 Datasheet HTML 15Page - ams AG AS1334 Datasheet HTML 16Page - ams AG AS1334 Datasheet HTML 17Page - ams AG AS1334 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
www.austriamicrosystems.com/DC-DC_Step-Down/AS1334
Revision 1.09
13 - 18
AS1334
Datasheet - Application In form atio n
9 Application Information
9.1 Inductor Selection
For the external inductor, a 3.3µH inductor is recommended. Minimum inductor size is dependant on the desired efficiency and output current.
Inductors with low core losses and small DCR at 2MHz are recommended.
9.2 Capacitor Selection
A 10µF capacitor is recommended for CIN as well as a 10µF for COUT. Small-sized X5R or X7R ceramic capacitors are recommended as they
retain capacitance over wide ranges of voltages and temperatures.
9.2.1 Input and Output Capacitor Selection
Low ESR input capacitors reduce input switching noise and reduce the peak current drawn from the battery. Also low ESR capacitors should be
used to minimize VOUT ripple. Multi-layer ceramic capacitors are recommended since they have extremely low ESR and are available in small
footprints.
For input decoupling the ceramic capacitor should be located as close to the device as practical. A 4.7µF input capacitor is sufficient for most
applications. Larger values may be used without limitations.
A 2.2µF to 10µF output ceramic capacitor is sufficient for most applications. Larger values up to 22µF may be used to obtain extremely low out-
put voltage ripple and improve transient response.
9.3 EN Pin Control
Drive the EN pin using the system controller to turn the AS1334 ON and OFF. Use a comparator, Schmidt trigger or logic gate to drive the EN pin.
Set EN high (>1.2V) for normal operation and low (<0.5V) for a 0.01µA (typ) shutdown mode. Set EN low to turn off the AS1334 during power-up
and under voltage conditions when the power supply is less than the 2.7V minimum operating voltage. The part is out of regulation when the
input voltage is less than 2.7V.
Table 5. Recommended Inductor
Part Number
L
DCR
Current Rating
Dimensions (L/W/T)
Manufacturer
LPS4018-222ML_
2.2µH
0.070Ω
2.9A
3.9x3.9x1.7mm
Coilcraft
www.coilcraft.com
LPS4018-332ML_
3.3µH
0.080Ω
2.4A
3.9x3.9x1.7mm
LPS4018-472ML_
4.7µH
0.125Ω
1.9A
3.9x3.9x1.7mm
Table 6. Recommended Input and Output Capacitor
Part Number
C
TC Code
Rated Voltage
Dimensions (L/W/T)
Manufacturer
GRM188R60J475KE19
4.7µF
X5R
6.3V
0603
Murata
www.murata.com
GRM219R60J475KE19
4.7µF
X5R
6.3V
0805
GRM21BR61C475KA88
4.7µF
X5R
16V
0805
GRM31CR71E475KA88
4.7µF
X7R
25V
1206
GRM188R60J106ME47
10µF
X5R
6.3V
0603
GRM21BR60J106KE19
10µF
X5R
6.3V
0805
GRM21BR61A106KE19
10µF
X5R
10V
0805
GRM32DR71C106KA01
10µF
X7R
16V
1210
GRM21BR60J226ME39
22µF
X5R
6.3V
0805
GRM32ER71A226KE20
22µF
X7R
10V
1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com