Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1334 Datasheet(PDF) 5 Page - ams AG

Part # AS1334
Description  650mA, Ultra low Ripple Step Down DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1334 Datasheet(HTML) 5 Page - ams AG

  AS1334 Datasheet HTML 1Page - ams AG AS1334 Datasheet HTML 2Page - ams AG AS1334 Datasheet HTML 3Page - ams AG AS1334 Datasheet HTML 4Page - ams AG AS1334 Datasheet HTML 5Page - ams AG AS1334 Datasheet HTML 6Page - ams AG AS1334 Datasheet HTML 7Page - ams AG AS1334 Datasheet HTML 8Page - ams AG AS1334 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.austriamicrosystems.com/DC-DC_Step-Down/AS1334
Revision 1.09
4 - 18
AS1334
Datasheet - Electrical Character i s t ics
6 Electrical Characteristics
TA = TJ = -40ºC to +85ºC; PVIN = VDD = EN = 3.6V, unless otherwise noted. Typical values are at TA=25°C.
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TA
Operating Temperature Range
-40
+85
°C
VOUT
Output Voltage
PVIN = 3.6V
1.176
1.2
1.224
V
1.47
1.5
1.53
V
1.764
1.8
1.836
V
2.45
2.5
2.55
V
2.94
3.0
3.06
V
3.234
3.3
3.366
V
ISHDN
Shutdown supply current
EN = SW = 0V
1
1. Shutdown current includes leakage current of PFET.
0.01
2
µA
IQ
DC bias current into VDD
FB = 0V, No Switching
2
2. IQ specified here is when the part is operating at 100% duty cycle.
11.4
mA
RDSON(P)
Pin-Pin Resistance for PFET
ISW = 200mA; TA = +25°C
140
200
m
Ω
ISW = 200mA
230
RDSON(N)
Pin-Pin Resistance for NFET
ISW = -200mA; TA = +25°C
300
415
m
Ω
ISW = -200mA
485
ILIM,PFET
Switch peak current limit
935
1100
1200
mA
POK Output
VOL
POK Output Low Voltage
POK sinking 0.1mA
0.05
0.2
V
POK Output High Leakage Current
POK = 3.6V
500
nA
POK Threshold
Falling edge, referenced to VOUT(NOM)
87
90
93
%
Enable Input
VIH,EN
Logic high input threshold
1.2
V
VIL,EN
Logic low input threshold
0.5
V
IPIN,ENABLE Pin pull down current
510
µA
Oscillator
FOSC
Internal oscillator frequency
1.8
2
2.2
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com