Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1334 Datasheet(PDF) 2 Page - ams AG

Part # AS1334
Description  650mA, Ultra low Ripple Step Down DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1334 Datasheet(HTML) 2 Page - ams AG

  AS1334 Datasheet HTML 1Page - ams AG AS1334 Datasheet HTML 2Page - ams AG AS1334 Datasheet HTML 3Page - ams AG AS1334 Datasheet HTML 4Page - ams AG AS1334 Datasheet HTML 5Page - ams AG AS1334 Datasheet HTML 6Page - ams AG AS1334 Datasheet HTML 7Page - ams AG AS1334 Datasheet HTML 8Page - ams AG AS1334 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
AS1334
650mA, Ultra low Ripple Step Down DC/DC Converter
www.austriamicrosystems.com/DC-DC_Step-Down/AS1334
Revision 1.09
1 - 18
Datasheet
1 General Description
The AS1334 is a step-down DC-DC converter designed to power
portable applications from a single Li-Ion battery. The device also
achieves high-performance in mobile phones and other applications
requiring low dropout voltage.
The AS1334 operates from an input voltage range of 2.7 to 5.5V
while providing output voltages of 1.2, 1.5, 1.8, 2.5, 3.0 and 3.3V.
Fixed-frequency PWM operation minimizes RF interference.
Shutdown function turns the device off and reduces battery
consumption to 0.01µA (typ).
The AS1334 is available in a TDFN(3x3) 8-pin package. A high
switching frequency (2 MHz) allows use of tiny surface-mount
components. Only three small external surface-mount components,
an inductor and two ceramic capacitors are required.
Figure 1. AS1334 - Typical Application Circuit
2 Key Features
Output Voltage Ripple: 2mV
PWM Switching Frequency: 2MHz
Single Lithium-Ion Cell Operation
Output Voltage Range: 1.2V to 3.4V
(available in 100mV steps, see Ordering Information on page 17)
Fixed Output Voltages:
- 1.2V, 1.5V, 1.8V, 2.5V, 3.0V, 3.3V
Maximum Load Capability of 650mA
97% High Efficiency, 94% Average Efficiency
Current Overload Protection
Thermal Overload Protection
Power-OK
Soft Start
Low Dropout Voltage (140 m
Ω Typ PFET)
TDFN(3x3) 8-pin
3 Applications
The AS1334 is an ideal solution to supply noise sensitive
applications as cellular phones, hand-held radios, RF PC cards,
battery powered RF devices, RFID chipsets, A/D Converter, Sensors
and OpAmps.
AS1334
PGND
SGND
EN
PVIN
VDD
SW
FB
10 µF
3.3 µH
VOUT
VIN
10 µF
ON
OFF
POK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com