Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1341 Datasheet(PDF) 10 Page - ams AG

Part # AS1341
Description  650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1341 Datasheet(HTML) 10 Page - ams AG

Back Button AS1341 Datasheet HTML 6Page - ams AG AS1341 Datasheet HTML 7Page - ams AG AS1341 Datasheet HTML 8Page - ams AG AS1341 Datasheet HTML 9Page - ams AG AS1341 Datasheet HTML 10Page - ams AG AS1341 Datasheet HTML 11Page - ams AG AS1341 Datasheet HTML 12Page - ams AG AS1341 Datasheet HTML 13Page - ams AG AS1341 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
www.ams.com/DC-DC_Step-Up/AS1341
Revision 1.09
10 - 18
AS1341
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
9.1 Adjusting Output Voltage
The AS1341 feedback input features dual-mode operation. Connect FB to GND for the 5.0V preset output voltage (see Figure 21 on page 8).
Adjust the output voltage by connecting a voltage-divider from the output to GND (see Figure 22).
Figure 22. Adjustable Output Voltage Circuit
Select a value for R2 between 10k and 1M
Ω.
Calculate R1 as:
(EQ 2)
Where:
VFB = 1.25V.
VOUT may range from 1.25V to VIN.
9.2 Negative Output Voltage
VIN may range from 4.5V to (20V-VOUT). Therefore the maximum negative output voltage is -15V.
Figure 23. Adjustable Negative Output Voltage Circuit
VIN
4.5V to 20V
5
IN
7
SHDNN
8
OUT
CIN
1.25V to VIN
2
GND
6
ILIMIT
1
FB
D1
COUT
+
R2
R1
Indicates High-Power Trace
AS1341
3
POK
RPULL
4
LX
L1
R
1
R
2
V
OUT
V
FB
-------------
1
–
⋅
=
VIN
4.5V to (20V-VOUT)
5
IN
7
SHDNN
4
LX
8
OUT
CIN
VOUT = -1.25V to -15V
2
GND
6
ILIMIT
1
FB
D1
L1
R2
R1
Indicates High-Power Trace
AS1341
3
POK
COUT
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com