Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1341 Datasheet(PDF) 12 Page - ams AG

Part # AS1341
Description  650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1341 Datasheet(HTML) 12 Page - ams AG

Back Button AS1341 Datasheet HTML 8Page - ams AG AS1341 Datasheet HTML 9Page - ams AG AS1341 Datasheet HTML 10Page - ams AG AS1341 Datasheet HTML 11Page - ams AG AS1341 Datasheet HTML 12Page - ams AG AS1341 Datasheet HTML 13Page - ams AG AS1341 Datasheet HTML 14Page - ams AG AS1341 Datasheet HTML 15Page - ams AG AS1341 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
www.ams.com/DC-DC_Step-Up/AS1341
Revision 1.09
12 - 18
AS1341
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9.5 Maximum Output Current
The AS1341 output current determines the regulator’s switching frequency. When the converter approaches continuous mode, the output
voltage falls out of regulation. For the typical application, the maximum output current is approximately:
ILOADMAX = 1/2 x ILXPEAKMIN
(EQ 5)
For low-input voltages, the maximum on-time may be reached and the load current is limited by:
ILOAD = (1/2 x (VIN - VOUT) x 10µs)/L
(EQ 6)
9.6 Output Capacitor
Choose the output capacitor to service the maximum load current with acceptable voltage ripple. The output ripple has two components:
variations in the charge stored in the output capacitor with each LX pulse, and the voltage drop across the capacitor’s equivalent series
resistance (ESR) caused by the current into and out of the capacitor:
VRIPPLE
≅ VRIPPLEESR + VRIPPLEC
(EQ 7)
The output voltage ripple as a consequence of the ESR and output capacitance is:
VRIPPLEESR = ESR x IPEAK
(EQ 8)
VRIPPLEC = (L x (IPEAK - IOUTPUT)2)/(2 x (COUT x VOUTPUT)) x VIN/(VIN - VOUTPUT)
(EQ 9)
Where:
IPEAK is the peak inductor current (see Inductor Selection on page 11). The worst-case ripple occurs at no-load.
Equations EQ 7, EQ 8, and EQ 9 are suitable for initial capacitor selection, but actual values should be set by testing a prototype or evaluation
circuit. As a general rule, a smaller amount of charge delivered in each pulse results in less output ripple. Since the amount of charge delivered
in each oscillator pulse is determined by the inductor value and input voltage, the voltage ripple increases with larger inductance, and as the
input voltage decreases.
Table 6. Recommended Output Capacitor
Part Number
C
ESR
Rated Voltage
Manufacturer
T520V107M010ATE018
100µF
18m
Ω
10V
Kemet
www.kemet.com
A700V826M006ATE018
82µF
18m
Ω
6.3V
T520B107M006ATE040
100µF
40m
Ω
6V
T520A336M006ATE070
33µF
70m
Ω
6.3V
A700V226M006ATE028
22µF
28m
Ω
6.3V
510X107M020ATE040
10µF
40m
Ω
20V
EEFUD0J101R
100µF
15m
Ω
6.3V
Panasonic
www.panasonic.com
EEFCD0K330R
33µF
18m
Ω
8V
10TPB100ML
100µF
55m
Ω
10V
Sanyo
www.edc.sanyo.com
6TPB47M
47µF
70m
Ω
6.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com