Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1341 Datasheet(PDF) 13 Page - ams AG

Part # AS1341
Description  650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1341 Datasheet(HTML) 13 Page - ams AG

Back Button AS1341 Datasheet HTML 9Page - ams AG AS1341 Datasheet HTML 10Page - ams AG AS1341 Datasheet HTML 11Page - ams AG AS1341 Datasheet HTML 12Page - ams AG AS1341 Datasheet HTML 13Page - ams AG AS1341 Datasheet HTML 14Page - ams AG AS1341 Datasheet HTML 15Page - ams AG AS1341 Datasheet HTML 16Page - ams AG AS1341 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
www.ams.com/DC-DC_Step-Up/AS1341
Revision 1.09
13 - 18
AS1341
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9.7 Input Capacitor
The input filter capacitor reduces peak currents drawn from the power source and reduces noise and voltage ripple on the input caused by the
circuit’s switching. The input capacitor must meet the ripple-current requirement (IRMS) imposed by the switching current defined as:
IRMS = (ILOAD x VOUTPUT)/VIN x
√((4/3) x (VIN - VOUTPUT) - 1)
(EQ 10)
For most applications, non-tantalum type (ceramic, aluminum, polymer, or OS-CON) are preferred due to their robustness to high in-rush
currents typical of systems with low-impedance battery inputs. Alternatively, connect two (or more) smaller value low-ESR capacitors in parallel
to reduce cost. Choose an input capacitor that exhibits less than +10ºC temperature rise at the RMS input current for optimal circuit life.
9.8 Diode Selection
The current in the D1 (see Figure 22 on page 10) changes abruptly from zero to its peak value each time the LX switch turns off. To avoid
excessive losses, the diode must have a fast turn-on time and a low forward voltage.
Note:
Ensure that the diode peak current rating exceeds the peak current limit set by the current limit (see Setting Current Limit on page 11),
and that its breakdown voltage exceeds VIN. Schottky diodes are recommended.
9.9 Stable Operation
A well-designed system and selection of high-quality external components can eliminate excessive noise on pins OUT, FB, or GND, which can
lead to unstable device operation. Instability typically manifests itself as grouped switching pulses with large gaps and excessive low-frequency
output ripple (motorboating) during no-load or light-load conditions.
9.10 Recommended Components
Table 7. Recommended Input Capacitor
C
TC Code
Rated Voltage
Manufacturer
10µF
X7R
25V
Murata www.murata.com
Taiyo Yuden www.t-yuden.com
Kemet www.kemet.com
Panasonic www.panasonic.com
Sanyo www.edc.sanyo.com
Table 8. Recommended Components
Input Voltage
Output Voltage
ILIMIT
Inductor
Output Capacitor
4.5V to 20V
1.25V to 5V
High
MSS6132-103ML
LQH66SN-100M03
LQH55DN-150M03
CDRH6D28NP-150
T520V107M010ATE018
A700V826M006ATE018
T520B107M006ATE040
EEFUD0J101R
10TPB100ML
4.5v to 12V
CDRH5D18NP-4R1
LPS4018-472ML
4.5V to 20V
1.25V to 5V
Low
MSS6132-393ML
CDRH6D28NP-470
LQH66SN-470M03
LQH55DN-470M03
EEFCD0K330R
6TPB47M
T520A336M006ATE070
A700V226M006ATE028
4.5V to 12V
MSS6132-103ML
LPS4018-223ML
CDRH5D18NP-220
6V to 20V
5V to VIN
High or Low
See Inductors above
510X107M020ATE040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com