Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1341 Datasheet(PDF) 2 Page - ams AG

Part # AS1341
Description  650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1341 Datasheet(HTML) 2 Page - ams AG

  AS1341 Datasheet HTML 1Page - ams AG AS1341 Datasheet HTML 2Page - ams AG AS1341 Datasheet HTML 3Page - ams AG AS1341 Datasheet HTML 4Page - ams AG AS1341 Datasheet HTML 5Page - ams AG AS1341 Datasheet HTML 6Page - ams AG AS1341 Datasheet HTML 7Page - ams AG AS1341 Datasheet HTML 8Page - ams AG AS1341 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.ams.com/DC-DC_Step-Up/AS1341
Revision 1.09
2 - 18
AS1341
Datasheet - P i n A s s i g n m e n t s
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
4.1 Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Description
1
FB
Feedback Input. For the fixed 5V output connect this pin to GND. For adjustable output, connect to a
resistive divider between VOUT and GND to set the output voltage between 1.25V and VIN.
2
GND
Ground
3
POK
Power OK. Active-low open-drain reset output.
Note:
Connect pin POK to GND when the Power-Ok feature is not used.
4
LX
Inductor Connection. Connect this pin to an external inductor.
5
IN
4.5V to 20V Input Supply Voltage
6
ILIMIT
Peak Current Control Input. Connect this pin to IN or GND to set peak current limit
(see Setting
Current Limit on page 11).
7
SHDNN
Shutdown Input. A low on this pin puts the AS1341 into shutdown mode. Supply current is reduced to
0.8µA and LX goes high-impedance.
8
OUT
Regulated Output Voltage High-Impedance Sense Input. For the fixed 5V output connect this pin to
VOUT. For adjustable output connect this pin to GND.
9
NC
Exposed Pad. This pad is not connected internally. Connect to GND or do not connect.
5 IN
3
POK
2
GND
1
FB
8 OUT
AS1341
4
LX
7 SHDNN
6 ILIMIT
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com