Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1341 Datasheet(PDF) 4 Page - ams AG

Part # AS1341
Description  650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1341 Datasheet(HTML) 4 Page - ams AG

  AS1341 Datasheet HTML 1Page - ams AG AS1341 Datasheet HTML 2Page - ams AG AS1341 Datasheet HTML 3Page - ams AG AS1341 Datasheet HTML 4Page - ams AG AS1341 Datasheet HTML 5Page - ams AG AS1341 Datasheet HTML 6Page - ams AG AS1341 Datasheet HTML 7Page - ams AG AS1341 Datasheet HTML 8Page - ams AG AS1341 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
www.ams.com/DC-DC_Step-Up/AS1341
Revision 1.09
4 - 18
AS1341
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
VIN = +12V, SHDNN = VIN, Typical values are at TAMB = +25ºC (unless otherwise specified). Specifications based on circuit shown in Figure 1
on page 1.
Note:
All limits are guaranteed. The parameters with min and max values are guaranteed with production tests or SQC (Statistical Quality
Control) methods.
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TAMB
Operating Temperature Range
-45
85
°C
VIN
Input Voltage Range
4.5
20
V
VOUT
Output Voltage (Preset Output)
FB = GND
4.85
5.00
5.15
V
Output Voltage (Adjustable)
1.25
VIN
VDROPOUT
Dropout Voltage
IOUT = 600mA, ILIMIT = VIN
250
mV
Line Regulation
VIN = 6V to 20V, 200
Ω load
0.1
%/V
Load Regulation
ILIMIT = VIN, IOUT = 0 to 500mA
1
%
VFB
Feedback Set Voltage (Adjustable
Output)
1.212
1.25
1.288
V
IIN
Input Supply Current
No load
12
18
µA
IINDROP
Input Supply Current in Dropout
No load
45
60
µA
Input Shutdown Current
SHDNN = GND
0.8
3
µA
VUVLO
Input Undervoltage Lockout
Threshold
VIN rising
3.6
4.0
4.4
V
VIN falling
3.5
3.9
4.3
OUT Bias Current
VOUT = 5.5V
2
3.5
5
µA
IFB
FB Bias Current
VFB = 1.3V
-25
+25
nA
FB Threshold Low
50
100
150
mV
Thermal Shutdown
10ºC hysteresis
145
ºC
DC-DC Switches
tOFFMIN
LX Switch Minimum Off-Time
0.2
0.4
0.6
µs
tONMAX
LX Switch Maximum On-Time
VFB = 1.3V
8
10
12
µs
RLX
LX Switch On-Resistance
VIN = 6V
0.4
VIN = 4.5V
0.5
ILXPEAK
LX Current Limit
ILIMIT = GND, L = 39µH
500
700
900
mA
ILIMIT = IN, L = 10µH
1000
1400
1800
LX Zero-Crossing Threshold
-75
+75
mV
Zero-Crossing Timeout
LX does not rise above the threshold
30
µs
LX Switch Leakage Current
VIN = 20V, LX = GND, TAMB = +25ºC
0.1
µA
VIN = 20V, LX = GND
1
Control Inputs
Digital Input Level
SHDNN, ILIMIT = GND
0.8
V
SHDNN, ILIMIT = IN
2.4
Digital Input Leakage Current
VSHDNN, VILIMIT = 0 to 20V, VIN = 20V
-100
+100
nA
Power-OK
Power-OK Threshold
Falling edge, relative to VOUT
90
92.5
95
%
POK Output Voltage Low
IPOK = 1mA
0.4
V
POK Output Leakage Current
VIN, VPOK = 16V, TAMB = 25°C
0.1
µA
VIN, VPOK = 16V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com