Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1341 Datasheet(PDF) 1 Page - ams AG

Part # AS1341
Description  650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1341 Datasheet(HTML) 1 Page - ams AG

  AS1341 Datasheet HTML 1Page - ams AG AS1341 Datasheet HTML 2Page - ams AG AS1341 Datasheet HTML 3Page - ams AG AS1341 Datasheet HTML 4Page - ams AG AS1341 Datasheet HTML 5Page - ams AG AS1341 Datasheet HTML 6Page - ams AG AS1341 Datasheet HTML 7Page - ams AG AS1341 Datasheet HTML 8Page - ams AG AS1341 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.ams.com/DC-DC_Step-Up/AS1341
Revision 1.09
1 - 18
A S 1 3 4 1
6 5 0 m A , U l t r a l o w R i p p l e S t e p D o w n D C / D C C o n v e r t e r
1 General Description
The AS1341 is a high-efficiency step-down converter with adjustable
output voltages from 1.25V to VIN using supply voltages of up to
20V.
An integrated current-limited 0.4
Ω MOSFET delivers load currents
up to 600mA.
The AS1341 also includes a 100% duty cycle LDO mode with a low
dropout of only 250mV for high efficiency if input voltages is in the
range of the output voltage.
The AS1341 has a low quiescent current (12µA) to improve light-
load efficiency and minimize battery use, and draws only 0.8µA in
shutdown mode.
High switching frequencies (up to 200kHz) allow the use of small
surface-mount inductors and output capacitors.
The device is available in a TDFN-8 3x3mm pin package.
Figure 1. AS1341 - Typical Application
2 Key Features
Output Voltages: Fixed 5V or Adjustable
Input Voltage Range: 4.5V to 20V
Output Current: Up to 600mA
1.25V Lowest Output Voltage
Efficiency: up to 96%
Quiescent Supply Current: 12µA
Power-OK Output
Internal 0.4
Ω P-Channel MOSFET
Shutdown Current: 0.8µA
100% Maximum Duty Cycle for Low Dropout
Current-Limited Architecture
Thermal Shutdown
TDFN-8 3x3mm Package
3 Applications
The device is ideal for notebook computers, distributed power
systems, keep-alive supplies, and any other battery-operated,
portable device.
VIN
4.5V to 20V
5
IN
1
FB
CIN
VOUT = 5V
AS1341
2
GND
8
OUT
D1
COUT
+
Indicates High-Power Trace
3
POK
RPULL
7
SHDNN
6
ILIMIT
4
LX
L1


Similar Part No. - AS1341

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1341 AMSCO-AS1341 Datasheet
841Kb / 16P
20V, 600mA, 100% Duty Cycle, Step-Down Converter
AS1341-BTDT AMSCO-AS1341-BTDT Datasheet
841Kb / 16P
20V, 600mA, 100% Duty Cycle, Step-Down Converter
AS1341-BTDT AMSCO-AS1341-BTDT Datasheet
925Kb / 17P
20V, 600mA, 100% Duty Cycle, Step-Down Converter
AS1341 AMSCO-AS1341_1 Datasheet
925Kb / 17P
20V, 600mA, 100% Duty Cycle, Step-Down Converter
More results

Similar Description - AS1341

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2771 NSC-LM2771 Datasheet
888Kb / 10P
Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
ams AG
AS1333 AMSCO-AS1333 Datasheet
1Mb / 16P
650mA, Step Down DC/DC Converter for Portable Applications
AS1334 AMSCO-AS1334 Datasheet
1Mb / 17P
650mA, Ultra low Ripple Step Down DC/DC Converter
AS1312 AMSCO-AS1312 Datasheet
577Kb / 20P
Ul t ra Low Quiescent Cur rent , Hysteret ic DC-DC Step-Up Conver ter
AS1324 AMSCO-AS1324_13 Datasheet
1Mb / 21P
1.5MHz, 600mA Synchronous DC/DC Conver ter
AS1330 AMSCO-AS1330_12 Datasheet
1Mb / 18P
4MHz, Low Vol tage, DC-DC Step-Up Conver ter
AS1334 AMSCO-AS1334_07 Datasheet
932Kb / 19P
650mA, Ultra low Ripple Step Down DC/DC Converter
AS7620 AMSCO-AS7620_13 Datasheet
637Kb / 16P
650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
logo
Texas Instruments
LM2771 TI1-LM2771 Datasheet
1Mb / 16P
Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
LM3208 TI1-LM3208 Datasheet
3Mb / 25P
650mA Miniature, Adjustable, Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com