Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1346 Datasheet(PDF) 11 Page - ams AG

Part # AS1346
Description  Dual Step-Down Converter with Battery Monitoring
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1346 Datasheet(HTML) 11 Page - ams AG

Back Button AS1346 Datasheet HTML 7Page - ams AG AS1346 Datasheet HTML 8Page - ams AG AS1346 Datasheet HTML 9Page - ams AG AS1346 Datasheet HTML 10Page - ams AG AS1346 Datasheet HTML 11Page - ams AG AS1346 Datasheet HTML 12Page - ams AG AS1346 Datasheet HTML 13Page - ams AG AS1346 Datasheet HTML 14Page - ams AG AS1346 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
www.ams.com/DC-DC_Step-Down
Revision 1.10
11 - 16
AS1346-49
Datasheet - Detailed Description
Figure 18. Typical Application Diagram with Adjustable Battery Monitoring
8.5 Thermal Shutdown
Due to its high-efficiency design, the AS1346 will not dissipate much heat in most applications. However, in applications where the AS1346 is
running at high ambient temperature, uses a low supply voltage, and runs with high duty cycles (such as in dropout) the heat dissipated may
exceed the maximum junction temperature of the device.
As soon as the junction temperature reaches approximately 150ºC the AS1346 goes in thermal shutdown. In this mode the internal PMOS &
NMOS switch are turned off. The device will power up again, as soon as the temperature falls below +140ºC again.
R3
R1
R2
AS1346
COUT1
CIN
VIN
4.5V to 5.5V
VOUT1
3.3V 1200mA
SW1
COUT2
VOUT2
1.8V 500mA
FB1
FB2
SW2
AGND
EN2
PVIN
VDD
EN1
LBI
LBO
L1 = 3.3μH
L2 = 3.3μH
PVIN
PGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com