Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1346 Datasheet(PDF) 2 Page - ams AG

Part # AS1346
Description  Dual Step-Down Converter with Battery Monitoring
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1346 Datasheet(HTML) 2 Page - ams AG

  AS1346 Datasheet HTML 1Page - ams AG AS1346 Datasheet HTML 2Page - ams AG AS1346 Datasheet HTML 3Page - ams AG AS1346 Datasheet HTML 4Page - ams AG AS1346 Datasheet HTML 5Page - ams AG AS1346 Datasheet HTML 6Page - ams AG AS1346 Datasheet HTML 7Page - ams AG AS1346 Datasheet HTML 8Page - ams AG AS1346 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.ams.com/DC-DC_Step-Down
Revision 1.10
2 - 16
AS1346-49
Datasheet - Pin Assignments
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
4.1 Pin Descriptions
Table 2. Pin Descriptions
Pin Number
Pin Name
Description
1
SW1
Switch Node1 Connection to Inductor. This pin connects to the drains of the internal main and
synchronous power MOSFET switches.
2, 11
PVIN
Power Supply Connector. This pin must be closely decoupled to PGND with a
 4.7μF ceramic
capacitor.
3
EN1
Enable1 Input. Driving this pin above 1.2V enables VOUT1. Driving this pin below 0.5V puts the device in
shutdown mode. In shutdown mode all functions are disabled, drawing
1μA supply current.
This pin should not be left floating.
4
FB1
Feedback Pin 1. Feedback input to the error amplifier, connect this pin to VOUT1. The output can be
factory set from 1.2V to 3.6V. For further information see Ordering Information on page 15.
5
EN2
Enable2 Input. Driving this pin above 1.2V enables VOUT2. Driving this pin below 0.5V puts the device in
shutdown mode. In shutdown mode all functions are disabled, drawing
1μA supply current.
This pin should not be left floating.
6
LBO
Low Battery Comperator Output. This open-drain output is low when:
- the voltage on LBI is higher than 1.2V or
- LBI is connected to GND and VOUT1 is below 92.5% of its nominal value.
7
LBI
Low Battery Comperator Input. 1.2V Threshold. May not be left floating. If connected to GND, LBO is
working as Output Power Okay for VOUT1.
8
AGND
Analog Ground.
9
FB2
Feedback 2 Pin. Feedback input to the error amplifier, connect this pin to VOUT2. The output can be
factory set from 1.2V to 3.6V. For further information see Ordering Information on page 15.
10
VDD
Supply Connector. Connect this pin to PVIN
12
SW2
Switch Node2 Connection to Inductor. This pin connects to the drains of the internal main and
synchronous power MOSFET switches.
13
PGND
Exposed Pad. The exposed pad must be connected to AGND. Ensure a good electrical connection to the
PCB to achieve optimal thermal performance.
AS1346
PVIN 2
FB1 4
SW1 1
EN1 3
FB2
9
VDD
10
PVIN
11
SW2
12
13
EN2 5
AGND
8
LBO 6
LBI
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com