Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1346 Datasheet(PDF) 15 Page - ams AG

Part # AS1346
Description  Dual Step-Down Converter with Battery Monitoring
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1346 Datasheet(HTML) 15 Page - ams AG

Back Button AS1346 Datasheet HTML 8Page - ams AG AS1346 Datasheet HTML 9Page - ams AG AS1346 Datasheet HTML 10Page - ams AG AS1346 Datasheet HTML 11Page - ams AG AS1346 Datasheet HTML 12Page - ams AG AS1346 Datasheet HTML 13Page - ams AG AS1346 Datasheet HTML 14Page - ams AG AS1346 Datasheet HTML 15Page - ams AG AS1346 Datasheet HTML 16Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
www.ams.com/DC-DC_Step-Down
Revision 1.10
15 - 16
AS1346-49
Datasheet - Ordering Information
11 Ordering Information
The device is available as the standard products listed below.
Receive samples within
2 weeks for any non standard output voltage variant!
Note: All products are RoHS compliant.
Buy our products or get free samples online at ICdirect: http://www.ams.com/ICdirect
Technical Support is found at http://www.ams.com/Technical-Support
For further information and requests, please contact us mailto:sales@ams.com
or find your local distributor at http://www.ams.com/distributor
Table 8. Ordering Information
Ordering Code
Marking
Channel
Vout
Iout
Description
Delivery Form
Package
AS1346-BTDT-3318
ASSL
OUT1
3.3V
1.2A
Dual Step-Down
Converter with Battery
Monitoring
Tape and Reel
12-Pin TDFN
3x3mm
OUT2
1.8V
0.5A
AS1347-BTDT-1812
ASU6
OUT1
1.8V
0.5A
Dual Step-Down
Converter with Battery
Monitoring
Tape and Reel
12-Pin TDFN
3x3mm
OUT2
1.2V
0.5A
AS1347-BTDT-3310
ASU7
OUT1
3.3V
0.5A
Dual Step-Down
Converter with Battery
Monitoring
Tape and Reel
12-Pin TDFN
3x3mm
OUT2
1.0V
0.5A
AS1348-BTDT-3312
ASTZ
OUT1
3.3V
0.5A
Dual Step-Down
Converter with Battery
Monitoring
Tape and Reel
12-Pin TDFN
3x3mm
OUT2
1.2V
0.95A
AS1346-BTDT-xxyy
1
1. Non-standard devices from 1.2V to 3.6V are available in 100mV steps.
For more information and inquiries contact http://www.ams.com/contact
tbd
OUT1
xx
1.2A
Dual Step-Down
Converter with Battery
Monitoring
Tape and Reel
12-Pin TDFN
3x3mm
OUT2
yy
0.5A
AS1347-BTDTxxyy
1
tbd
OUT1
xx
0.5A
Dual Step-Down
Converter with Battery
Monitoring
Tape and Reel
12-Pin TDFN
3x3mm
OUT2
yy
0.5A
AS1348-BTDTxxyy
1
tbd
OUT1
xx
0.5A
Dual Step-Down
Converter with Battery
Monitoring
Tape and Reel
12-Pin TDFN
3x3mm
OUT2
yy
0.95A
AS1349-BTDTxxyy
1
tbd
OUT1
xx
1.2A
Dual Step-Down
Converter with Battery
Monitoring
Tape and Reel
12-Pin TDFN
3x3mm
OUT2
yy
1.2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com