Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1346 Datasheet(PDF) 1 Page - ams AG

Part # AS1346
Description  Dual Step-Down Converter with Battery Monitoring
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1346 Datasheet(HTML) 1 Page - ams AG

  AS1346 Datasheet HTML 1Page - ams AG AS1346 Datasheet HTML 2Page - ams AG AS1346 Datasheet HTML 3Page - ams AG AS1346 Datasheet HTML 4Page - ams AG AS1346 Datasheet HTML 5Page - ams AG AS1346 Datasheet HTML 6Page - ams AG AS1346 Datasheet HTML 7Page - ams AG AS1346 Datasheet HTML 8Page - ams AG AS1346 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.ams.com/DC-DC_Step-Down
Revision 1.10
1 - 16
AS1346-49
Dual Step-Down Converter with Battery Monitoring
1 General Description
The AS1346, AS1347, AS1348, AS1349 family is a high-efficiency,
constant-frequency dual buck converter available with fixed voltage
versions. The device provides two independent DC/DC Converters
with output currents between 0.5A and 1.2A. The wide input voltage
range (2.7V to 5.5V), automatic powersave mode and minimal
external component requirements make the AS134x family perfect
for SSD and many other battery-powered applications.
In shutdown mode the typical supply current decreases to ≤1μA.
The highly efficient duty cycle (100%) provides low dropout
operation, prolonging battery life in portable systems.
An internal synchronous switching scheme increases efficiency and
eliminates the need for an external Schottky diode. The fixed
switching frequency (2.0MHz) allows the use of small surface mount
inductors.
The integrated monitoring function can be configured that either the
output voltage (Power Okay function ) or the input voltage (Battery
Monitoring Function) can be supervised.
The AS1346-49 is available in a 12-Pin TDFN 3x3mm package.
2 Key Features

High Efficiency: Up to 95%

Output Current: see Table 1

Input Voltage Range: 2.7V to 5.5V

Output Voltage Range: 1.2V to 3.6V (available in 100mV steps)

Constant Frequency Operation: 2.0MHz

180º Out of Phase Operation

Low Battery Detection

Low Dropout Operation: 100% Duty Cycle

Shutdown Mode Supply Current:
1μA

No Schottky Diode Required

Output Disconnect in Shutdown

Non standard variants available within two weeks

12-Pin TDFN 3x3mm Package
3 Applications
The device is ideal for SSD applications, mobile communication
devices, laptops and PDAs, ultra-low-power systems, threshold
detectors/discriminators, telemetry and remote systems, medical
instruments, or any other space-limited application with low power-
consumption requirements.
Table 1. Available Products
Devices
IOUT1
IOUT2
AS1346
1.2A
0.5A
AS1347
0.5A
0.5A
AS1348
0.5A
0.95A
AS1349
1.2A
1.2A
AS1346
COUT1
CIN
VIN
2.7V to 5.5V
VOUT1
3.3V 1200mA
Figure 1. AS1346 - Typical Application Diagram with POK Function
SW1
COUT2
VOUT2
1.8V 500mA
FB1
FB2
SW2
AGND
EN2
PVIN
VDD
EN1
LBO
LBI
L1 = 3.3μH
POK Function
L2 = 3.3μH
PVIN
PGND


Similar Part No. - AS1346

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1346-49 AMSCO-AS1346-49 Datasheet
657Kb / 16P
Low Battery Detection
More results

Similar Description - AS1346

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2797 NSC-LM2797 Datasheet
388Kb / 14P
120mA High Efficiency Step-Down Switched Capacitor Voltage Converter with Voltage Monitoring
logo
TOKO, Inc
TK654XX TOKO-TK654XX Datasheet
762Kb / 28P
STEP-DOWN CONVERTER WITH BATTERY MONITOR
logo
Maxim Integrated Produc...
MAX1774 MAXIM-MAX1774 Datasheet
398Kb / 21P
Dual, High-Efficiency, Step-Down Converter with Backup Battery Switchover
19-1810; Rev 1; 1/02
logo
National Semiconductor ...
LM2717 NSC-LM2717 Datasheet
673Kb / 12P
Dual Step-down DC/DC Converter
logo
Advanced Analogic Techn...
AAT2315 ANALOGICTECH-AAT2315_07 Datasheet
700Kb / 22P
Dual 600mA Step-Down Converter with Synchronization
logo
Asahi Kasei Microsystem...
AK7903 AKM-AK7903 Datasheet
372Kb / 10P
DCDC Step-down Converter for NiH2 Battery
logo
ELM Technology Corporat...
ELM604PA ELM-TECH-ELM604PA Datasheet
969Kb / 7P
dual PWM step-down converter
logo
Micrel Semiconductor
MIC23099 MICREL-MIC23099_14 Datasheet
2Mb / 26P
Single AA/AAA Cell Step-Up/Step-Down Regulators with Battery Monitoring
logo
Advanced Analogic Techn...
AAT2513 ANALOGICTECH-AAT2513 Datasheet
594Kb / 22P
Dual 600mA Step-Down Converter with Synchronization
logo
Texas Instruments
TPS650002-Q1 TI1-TPS650002-Q1 Datasheet
1Mb / 25P
2.25-MHz Step-Down Converter With Dual LDOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com