Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1346 Datasheet(PDF) 12 Page - ams AG

Part # AS1346
Description  Dual Step-Down Converter with Battery Monitoring
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1346 Datasheet(HTML) 12 Page - ams AG

Back Button AS1346 Datasheet HTML 8Page - ams AG AS1346 Datasheet HTML 9Page - ams AG AS1346 Datasheet HTML 10Page - ams AG AS1346 Datasheet HTML 11Page - ams AG AS1346 Datasheet HTML 12Page - ams AG AS1346 Datasheet HTML 13Page - ams AG AS1346 Datasheet HTML 14Page - ams AG AS1346 Datasheet HTML 15Page - ams AG AS1346 Datasheet HTML 16Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
www.ams.com/DC-DC_Step-Down
Revision 1.10
12 - 16
AS1346-49
Datasheet - Application Information
9 Application Information
9.1 Component Selection
Only three power components are required to complete the design of the buck converter. For the adjustable LBI two external resistors are
needed.
9.2 Inductor Selection
For the external inductor, a 3.3μH inductor is recommended. Minimum inductor size is dependant on the desired efficiency and output current.
Inductors with low core losses and small DCR at 2MHz are recommended.
Calculation of IMAX:
9.3 Capacitor Selection
A 10μF capacitor is recommended for CIN as well as a 10μF for COUT. Small-sized X5R or X7R ceramic capacitors are recommended as they
retain capacitance over wide ranges of voltages and temperatures.
9.3.1 Input and Output Capacitor Selection
Low ESR input capacitors reduce input switching noise and reduce the peak current drawn from the battery. Also low ESR capacitors should be
used to minimize VOUT ripple. Multi-layer ceramic capacitors are recommended since they have extremely low ESR and are available in small
footprints.
For input decoupling the ceramic capacitor should be located as close to the device as practical. A 22μF input capacitor is sufficient for most
applications. Larger values may be used without limitations.
A 2.2μF to 10μF output ceramic capacitor is sufficient for most applications. Larger values up to 22μF may be used to obtain extremely low
output voltage ripple and improve transient response.
Table 5. Recommended Inductor
L
DCR
Current Rating
3.3μH
m
IMAX
Table 6. Recommended Input and Output Capacitor
C
TC Code
Rated Voltage
CIN
10 - 47μF
X5R
6.3V
COUT1, COUT2 2.2 - 10μF
X7R
25V
(EQ 2)
I MAX
I OUT1 V OUT1
I OUT2 V OUT2
+
07
V IN
--------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com