Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1346 Datasheet(PDF) 4 Page - ams AG

Part # AS1346
Description  Dual Step-Down Converter with Battery Monitoring
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1346 Datasheet(HTML) 4 Page - ams AG

  AS1346 Datasheet HTML 1Page - ams AG AS1346 Datasheet HTML 2Page - ams AG AS1346 Datasheet HTML 3Page - ams AG AS1346 Datasheet HTML 4Page - ams AG AS1346 Datasheet HTML 5Page - ams AG AS1346 Datasheet HTML 6Page - ams AG AS1346 Datasheet HTML 7Page - ams AG AS1346 Datasheet HTML 8Page - ams AG AS1346 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.ams.com/DC-DC_Step-Down
Revision 1.10
4 - 16
AS1346-49
Datasheet - Electrical Characteristics
6 Electrical Characteristics
PVIN = VDD = EN = 5V, unless otherwise noted. Typical values are at TA=25°C. All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical Quality Control) methods.
Table 4. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TA
Operating Temperature Range
-40
+85
°C
TJ
Operating Junction Temperature Range
-40
+125
°C
VIN
Input Voltage Range
VIN
VOUT
2.7
5.5
V
VOUT
Output Voltage Range
(see Table 8 on page 15)
1.2
3.6
V
IQ
Quiescent Supply Current
1
2
2.8
mA
IOUT1
Output current 1
AS1346, VOUT1 = 3.3V
1200
mA
AS1347
500
mA
AS1348
500
mA
AS1349
1200
mA
IOUT2
Output current 2
AS1346, VOUT2 = 1.8V
500
mA
AS1347
500
mA
AS1348
950
mA
AS1349
1200
mA
ISHDN
Shutdown Current
0.1
1
μA
Regulation
VOUT1
Output Voltage 1
AS1346, IOUT1 = 100mA
3.234
3.3
3.366
V
Accuracy
+2
%
VOUT2
Output Voltage 2
AS1346, IOUT2 = 100mA
1.764
1.8
1.836
V
Accuracy
+2
%
Line Transient Response
VIN = 4.5V to 5.5V, IOUT1 = 500mA,
VOUT1 = 3.3V, EN2 = 0V
50
mVpk
Load Transient Response
VIN = 5V, IOUT1 = 0 to 500mA, VOUT1
= 3.3V, EN2 = 0V
50
mVpk
fOSC
Oscillator frequency
1.8
2
2.2
MHz
tON
Turn on time
350
μs
DC-DC Switches
ISW1
SW1 Current Limit
AS1346
1.55
A
ISW2
SW2 Current Limit
AS1346
800
mA
RDSON1(P)
Pin-Pin Resistance for PMOS1
VDD = 5.0V, ISW = 200mA
150
m
RDSON1(N)
Pin-Pin Resistance for NMOS1
VDD = 5.0V, ISW = 200mA
250
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com