Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1750 Datasheet(PDF) 8 Page - ams AG

Part # AS1750
Description  Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1750 Datasheet(HTML) 8 Page - ams AG

Back Button AS1750 Datasheet HTML 4Page - ams AG AS1750 Datasheet HTML 5Page - ams AG AS1750 Datasheet HTML 6Page - ams AG AS1750 Datasheet HTML 7Page - ams AG AS1750 Datasheet HTML 8Page - ams AG AS1750 Datasheet HTML 9Page - ams AG AS1750 Datasheet HTML 10Page - ams AG AS1750 Datasheet HTML 11Page - ams AG AS1750 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
www.austriamicrosystems.com/Analog-Switches/AS1747-50
Revision 1.02
7 - 16
AS1747, AS1748, AS1749, AS1750
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
VCC = 3.0V, TA = +25ºC (unless otherwise specified).
Figure 4. ON-Resistance vs. VCOM
Figure 5. ON Resistance vs. VCOM; VCC=3.0V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-4
-3
-2
-1
0
1
2
3
4
5
VCOM (V)
V
CC = 1.8V
V
CC = 2.0V
V
CC = 2.3V
V
CC = 2.5V
V
CC = 3.0V
V
CC =5.0V
0.15
0.25
0.35
0.45
0.55
0.65
-3
-2
-1
0
1
2
3
VCOM (V)
T
AMB = +85°C
T
AMB = +25°C
T
AMB = -40°C
Figure 6. ON Resistance vs. VCOM; VCC=5.0V
Figure 7. ICC vs. VCC; AS1747/AS1749
0.15
0.25
0.35
0.45
0.55
0.65
-1
01
2345
VCOM (V)
T
AMB = +85°C
T
AMB = +25°C
T
AMB = -40°C
0
1
2
3
4
5
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
VCC (V)
IN = V
CC
IN = GND
Figure 8. ICC vs. VCC; AS1748/AS1750
Figure 9. Turn-ON/OFF Times vs. VCC
0
1
2
3
4
5
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
VCC (V)
0
50
100
150
200
250
300
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
VCC (V)
t
OFF
t
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com