Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1750 Datasheet(PDF) 14 Page - ams AG

Part # AS1750
Description  Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1750 Datasheet(HTML) 14 Page - ams AG

Back Button AS1750 Datasheet HTML 9Page - ams AG AS1750 Datasheet HTML 10Page - ams AG AS1750 Datasheet HTML 11Page - ams AG AS1750 Datasheet HTML 12Page - ams AG AS1750 Datasheet HTML 13Page - ams AG AS1750 Datasheet HTML 14Page - ams AG AS1750 Datasheet HTML 15Page - ams AG AS1750 Datasheet HTML 16Page - ams AG AS1750 Datasheet HTML 17Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
www.austriamicrosystems.com/Analog-Switches/AS1747-50
Revision 1.02
13 - 16
AS1747, AS1748, AS1749, AS1750
Datasheet - P a c k a g e D r a w i n g s a n d M a r k i n g s
11 Package Drawings and Markings
The devices are available in 10-pin TDFN 3x3, 16-pin TQFN 3x3 package.
Figure 23. 10-pin TDFN 3x3 Package Dimensions
Notes:
1. All dimensions are in millimeters, angle is in degrees.
2. N is the total number of terminals.
3. ND refers to the maximum number of terminals on D side.
(D/2 xE/2)
4
2x
TOP VIEW
aaa C
PIN 1 INDEX AREA
D
B
SEATING
NX
10
ccc C
PLANE
SIDE VIEW
0.08 C
C
SEE
DETAIL B
4
PIN 1 INDEX AREA
(D/2 xE/2)
5
6
BTM VIEW
N-1
N
bbb
C A B
ddd
C
D2
D2/2
NX b
(ND-1) X e
e
10
NX K
NX L
ODD TERMINAL SIDE
5
Datum A or B
Terminal Tip
e
Symbol
Min
Nom
Max
Notes
A
0.70
0.75
0.80
A1
0.00
0.02
0.05
A3
0.20 REF
θ
0º
---
14º
aaa
0.15
bbb
0.10
ccc
0.10
ddd
0.05
eee
0.08
ggg
0.10
Symbol
Min
Nom
Max
Notes
D BSC
3.00
E BSC
3.00
D2
2.20
---
2.70
E2
1.40
---
1.75
L
0.30
0.40
0.50
K
0.20
---
---
b
0.18
0.25
0.30
e0.50
N10
N10
ND
5
ND
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com