Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1750 Datasheet(PDF) 6 Page - ams AG

Part # AS1750
Description  Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1750 Datasheet(HTML) 6 Page - ams AG

Back Button AS1750 Datasheet HTML 2Page - ams AG AS1750 Datasheet HTML 3Page - ams AG AS1750 Datasheet HTML 4Page - ams AG AS1750 Datasheet HTML 5Page - ams AG AS1750 Datasheet HTML 6Page - ams AG AS1750 Datasheet HTML 7Page - ams AG AS1750 Datasheet HTML 8Page - ams AG AS1750 Datasheet HTML 9Page - ams AG AS1750 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
www.austriamicrosystems.com/Analog-Switches/AS1747-50
Revision 1.02
5 - 16
AS1747, AS1748, AS1749, AS1750
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
VCC = +2.7V to +5.5V, TA = -40ºC to +85ºC, unless otherwise specified. Typical values are at VCC = +3.0V, TA = +25ºC,
unless otherwise specified.
Table 4. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Analog Switch
VNO_
VNC_
VCOM_
Analog Signal Range
VCC -
5.5
VCC
V
RON(NC)
RON(NO)
On-Resistance
VCC = 2.7V; VNC_ or VNO_ =
VCC - 5.5V, -1V, 0V, 1V, 2V,
VCC; ICOM_ = 100mA
TA = +25ºC
0.4
0.85
Ω
TA = TMIN to
TMAX
0.95
ΔRON
On-Resistance Match
Between Channels
VCC = 2.7V, VNC_ or VNO_ =
0V, ICOM = 100mA
TA = +25ºC
0.03
0.1
Ω
TA = TMIN to
TMAX
0.15
RFLAT(NC)
On-Resistance
Flatness
VCC = 2.7V; VNC_ or VNC = -
1V, 0V, 1V, 2V, VCC; ICOM_ =
100mA
TA = +25ºC
0.25
0.4
Ω
TA = TMIN to
TMAX
0.45
RSH
Shunt Switch
Resistance
AS1749/AS1750 only,
INO_ or INC_ = 10mA, VCC =
2.7V
TA = TMIN to
TMAX
25
50
Ω
INO_(OFF)
INC_(OFF)
NO_, NC_
Off-Leakage Current
AS1747/AS1748 only,
VCC = 2.7V, switch open;
VNC_ or VNO_ = -2.5V, +2.5V;
VCOM_ = +2.5V, -2.5V
TA = +25ºC
-10
+10
nA
TA = TMIN to
TMAX
-200
+200
ICOM_(ON)
COM_
On-Leakage Current
VCC = 2.7V, switch closed;
VNC_ or VNO_ = -2.5V, +2.5V;
or floating; VCOM_ = -2.5V,
+2.5V, or floating
TA = +25ºC
-10
+10
nA
TA = TMIN to
TMAX
-200
+200
Dynamic Characteristics
tON
Turn-On Time
1
VNO = 2.5V; for NO_, VIN_ =
0V to VCC; for NC_, VIN_ =
VCC to 0V; RL = 300Ω, CL =
35pF, Figure 19
TA = +25ºC
200
400
ns
TA = TMIN to
TMAX
400
tOFF
Turn-Off Time
1
VNC = 2.5V; for NO_, VIN_ =
VCC to 0V; for NC_, VIN_ = 0V
to VCC; RL = 300Ω, CL =
35pF, Figure 19
TA = +25ºC
50
200
ns
TA = TMIN to
TMAX
200
tD
Break-Before-Make
Time Delay
VN_ = 2.5V, for NO_, VIN_ = VCC to 0V; for NC_,
VIN_ = 0V to VCC; RL = 300Ω, CL = 35pF,
Figure 20
200
ns
Q
Charge Injection
VCOM_ = 0V, RS = 0Ω, CL = 1.0nF, Figure 21
2pC
VISO
Off-Isolation
VCC = 5V, f = 100kHz, VCOM_ = 1VRMS, RL =
50
Ω, CL = 5pF, Figure 22
-65
dB
VCT
Crosstalk
VCC = 5V, f = 100kHz, VCOM_ = 1VRMS, RL =
50
Ω, CL = 5pF, Figure 22
-90
dB
PSRR
Power-Supply
Rejection Ratio
f = 10kHz, VCOM_ = 1VRMS, RL = 50Ω, CL = 5pF
70
dB
BW
On-Channel-3dB
Bandwidth
VCC = 5V, Signal = 0dBm, RL = 50Ω, CL = 5pF,
Figure 22
31
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com