Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1750 Datasheet(PDF) 16 Page - ams AG

Part # AS1750
Description  Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1750 Datasheet(HTML) 16 Page - ams AG

Back Button AS1750 Datasheet HTML 9Page - ams AG AS1750 Datasheet HTML 10Page - ams AG AS1750 Datasheet HTML 11Page - ams AG AS1750 Datasheet HTML 12Page - ams AG AS1750 Datasheet HTML 13Page - ams AG AS1750 Datasheet HTML 14Page - ams AG AS1750 Datasheet HTML 15Page - ams AG AS1750 Datasheet HTML 16Page - ams AG AS1750 Datasheet HTML 17Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
www.austriamicrosystems.com/Analog-Switches/AS1747-50
Revision 1.02
15 - 16
AS1747, AS1748, AS1749, AS1750
Datasheet - O r d e r i n g I n f o r m a t i o n
12 Ordering Information
The devices are available as the standard products shown in Table 5.
* on request
Note:
All products are RoHS compliant and Pb-free.
Buy our products or get free samples online at ICdirect: http://www.austriamicrosystems.com/ICdirect
For further information and requests, please contact us mailto:sales@austriamicrosystems.com
or find your local distributor at http://www.austriamicrosystems.com/distributor
Table 5. Ordering Information
Ordering Code
Marking
Description
Delivery Form
Package
AS1747-BTDT
ASPV
Dual 0.6Ohm SPDT, Audio Clickless
Switch with Negative Rail Capability
Tape and Reel
10-pin TDFN 3x3
AS1747-BTDR*
ASPV
Dual 0.6Ohm SPDT, Audio Clickless
Switch with Negative Rail Capability
Tray
10-pin TDFN 3x3
AS1747-BWLT*
ASPV
Dual 0.6Ohm SPDT, Audio Clickless
Switch with Negative Rail Capability
Tape and Reel
10-Bump WL-CSP
AS1748-BQFT*
ASPW
Dual 0.6Ohm SPDT, Audio Clickless
Switch with Negative Rail Capability,
with Comparator
Tape and Reel
16-pin TQFN 3x3
AS1748-BQFR*
ASPW
Dual 0.6Ohm SPDT, Audio Clickless
Switch with Negative Rail Capability,
with Comparator
Tray
16-pin TQFN 3x3
AS1748-BWLT*
ASPW
Dual 0.6Ohm SPDT, Audio Clickless
Switch with Negative Rail Capability,
with Comparator
Tape and Reel
12-Bump WL-CSP
AS1749-BTDT*
ASPX
Dual 0.6Ohm SPDT, Audio Clickless
Switch with Negative Rail Capability,
with Internal Shunt
Tape and Reel
10-pin TDFN 3x3
AS1749-BTDR*
ASPX
Dual 0.6Ohm SPDT, Audio Clickless
Switch with Negative Rail Capability,
with Internal Shunt
Tray
10-pin TDFN 3x3
AS1749-BWLT*
ASPX
Dual 0.6Ohm SPDT, Audio Clickless
Switch with Negative Rail Capability,
with Internal Shunt
Tape and Reel
10-Bump WL-CSP
AS1750-BQFT
ASPY
Dual 0.6Ohm SPDT, Audio Clickless
Switch with Negative Rail Capability,
with Comparator & Internal Shunt
Tape and Reel
16-pin TQFN 3x3
AS1750-BQFR*
ASPY
Dual 0.6Ohm SPDT, Audio Clickless
Switch with Negative Rail Capability,
with Comparator & Internal Shunt
Tray
16-pin TQFN 3x3
AS1750-BWLT*
ASPY
Dual 0.6Ohm SPDT, Audio Clickless
Switch with Negative Rail Capability,
with Comparator & Internal Shunt
Tape and Reel
12-Bump WL-CSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com