Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1750 Datasheet(PDF) 11 Page - ams AG

Part # AS1750
Description  Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1750 Datasheet(HTML) 11 Page - ams AG

Back Button AS1750 Datasheet HTML 7Page - ams AG AS1750 Datasheet HTML 8Page - ams AG AS1750 Datasheet HTML 9Page - ams AG AS1750 Datasheet HTML 10Page - ams AG AS1750 Datasheet HTML 11Page - ams AG AS1750 Datasheet HTML 12Page - ams AG AS1750 Datasheet HTML 13Page - ams AG AS1750 Datasheet HTML 14Page - ams AG AS1750 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
www.austriamicrosystems.com/Analog-Switches/AS1747-50
Revision 1.02
10 - 16
AS1747, AS1748, AS1749, AS1750
Datasheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
The AS1747– AS1750 are operating from a +1.8V to +5.5V supply and feature a negative signal capability that allows
signals below ground to pass through without distortion. A break-before-make switching and a low on-resistance are
also included in this analog dual SPDT switches. The device is fully specified for a 3.0V application.
A headphone or mute detection is included in the AS1748 and AS1750. This function is realized with a comparator
which has an internally generated thresh-hold of about 1/3 of VCC. To reduce click-and-pop sounds when switching
between precharged points the AS1749 and AS1750 have an internal shunt switch. This shunt switch automatically
discharges any capacitance at the NO and NC connection points.
9 Application Information
Digital Control Inputs
The logic inputs of the AS1747– AS1750 accept up to +5.5V independent of the supply voltage. Due to this a mixing of
the logic levels in a system is possible. For example, with a +3.3V supply, IN_ can be driven low to GND and high to
+5.5V. For a +1.8V supply voltage, the logic levels are 0.5V (low) and 1.4V (high); for a +5V supply voltage, the logic
levels are 0.8V (low) and 2.0V (high).
Analog Signal Levels
The change of the on-resistance of the AS1747– AS1750 is very little for analog input signals over the whole supply
voltage range. The switches are bi-directional, so the NO_, NC_, and COM_ pins can be either inputs or outputs.
The AS1747– AS1750 pass signals as low as VCC - 5.5V, including signals below ground with minimal distortion.
Comparator (AS1748
1
/AS1750)
To implement a mute and headphone function, a comparator is included in the AS1748 and AS1750. The negative ter-
minal of this comparator is connected to the outside (via pin CMP-) while the positive terminal is internally set to VCC/3.
The output of the comparator (CMPO) is logic high when the negative terminal (CMP-) is below the threshold. CMPO is
logic low when CMP- is higher than VCC/3.
Headphone audio signals are typical biased to VCC/2 so a comparator threshold of VCC/3 is sufficient for the head-
phone detection.
Shunt Switch (AS1749
1
/AS1750)
Due to the switching between audio sources, audible click-and-pop sounds occur. To reduce this sounds a 100
Ω shunt
switch is implemented in the AS1749 and AS1750. This shunt switch automatically discharges any capacitance at the
NC_ or NO_ terminals when they are unconnected to COM_.
Audible clicks and pops are caused when a step DC voltage is switched into the speaker. By automatically discharging
the side that is not connected, any residual DC voltage is removed, thereby reducing the clicks and pops.
Power-Supply Sequencing and Overvoltage Protection
Caution:
Stresses beyond the listed absolute maximum ratings in Table 3 on page 4 may cause permanent damage
to the device. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Proper power-supply sequencing is recommended for all CMOS devices. Always apply VCC before applying analog
signals, especially if the analog signal is not current-limited.
1. on request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com