Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1750 Datasheet(PDF) 10 Page - ams AG

Part # AS1750
Description  Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1750 Datasheet(HTML) 10 Page - ams AG

Back Button AS1750 Datasheet HTML 6Page - ams AG AS1750 Datasheet HTML 7Page - ams AG AS1750 Datasheet HTML 8Page - ams AG AS1750 Datasheet HTML 9Page - ams AG AS1750 Datasheet HTML 10Page - ams AG AS1750 Datasheet HTML 11Page - ams AG AS1750 Datasheet HTML 12Page - ams AG AS1750 Datasheet HTML 13Page - ams AG AS1750 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
www.austriamicrosystems.com/Analog-Switches/AS1747-50
Revision 1.02
9 - 16
AS1747, AS1748, AS1749, AS1750
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 16. Comparator Threshold vs. Temperature;
VCC = 3.0V
Figure 17. Comparator Threshold vs. Temperature;
VCC = 5.0V
0.94
0.96
0.98
1
1.02
1.04
-40
-15
10
35
60
85
Temperature (°C)
Vcmp - f alling
Vcmp - r i si ng
1.55
1.6
1.65
1.7
1.75
-40
-15
10
35
60
85
Temperature (°C)
Vcmp - f alling
Vcmp - r i si ng
Figure 18. PSRR vs. Frequency
0
20
40
60
80
100
120
0.1
1
10
100
Frequency (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com