Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3606 Datasheet(PDF) 10 Page - ams AG

Part # AS3606
Description  System PMU with HV Back Light Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3606 Datasheet(HTML) 10 Page - ams AG

Back Button AS3606 Datasheet HTML 6Page - ams AG AS3606 Datasheet HTML 7Page - ams AG AS3606 Datasheet HTML 8Page - ams AG AS3606 Datasheet HTML 9Page - ams AG AS3606 Datasheet HTML 10Page - ams AG AS3606 Datasheet HTML 11Page - ams AG AS3606 Datasheet HTML 12Page - ams AG AS3606 Datasheet HTML 13Page - ams AG AS3606 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 71 page
background image
www.austriamicrosystems.com
Revision 1.03
9 - 70
AS3606 AS3607 2v2
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
VSUPx=+2.7V...+5.5V, TA =-40ºC...+85ºC. Typical values are at VSUPx=+3.6V, TA=+25ºC, unless otherwise specified.
Table 3. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VBATSW
Battery Supply Voltage
operation, VBUS > 2.7V
0
3.6
5.5
V
operation from battery
2.7
3.6
5.5
V
VSUPx
Supply Voltage
VSUPSW, VSUP1/2/3/4/5
2.7
3.6
5.5
V
VBUS
USB VBUS Voltage
operating, VSUP5 > 2.7V
0
5.0
5.5
V
charging
4.5
5.0
5.5
V
DVDD
Digital Periphery Supply Voltage
1.8
3.6
V
VDD27
Analog Supply Voltage
2.6
2.7
3.5
V
VDELTA+
Difference of Positive Supplies
VDD27-VSUPx
0
V
TAMB
Operating Temperature Range
-40
+85
ºC
ISD
Shut-down current
@ VBATSW = 4.2V
600
nA
Iq
Quiescent current
All regulators off
reference & LDO5 on
160
µA
IO Pins
VID3V
3V digital input pins
XRES, CSCL, CSDA
0
3.6V or
DVDD
+0.5
V
VIA3V
3V input pin
BATTEMP
0
3.6V or
VDD27
+0.5
V
VI5V
5V input pins
GPIO1/2/3/4
05.5V
V
VI5V
5V input pin
FBSU
0
5.5V or
VSUP5
+0.5
V
VI30V
20V analiog input pins
LXSU, CURR1/2
030
V
POR & Watchdog
VPOR_ON
Power-on Reset Activation Level
Power-on Reset activation level when
VDD27 decreases
2.15
V
VPOR_OFF
Power-on Reset Release Level
Power-on Reset release when VDD27
increases
2.0
V
VPOR_HY
Power-on Hysteresis
100
mV
PWRUP
tON_DELAY
Delay Time of pin PWRUP
Minimum key press time
60
ms
VPWRUP_L
Input Level LOW
Pin PWRUP, VSUP5>3V
0.5
V
VPWRUP_H
Input Level HIGH
Pin PWRUP, VSUP5>3V
VSUP5/3
V
Pin PWRUP, VSUP5<=3V
1
V
IPWRUP
Internal Pull-down Current Source
Pin PWRUP; @2.7V
10
20
30
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com