Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3606 Datasheet(PDF) 48 Page - ams AG

Part # AS3606
Description  System PMU with HV Back Light Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3606 Datasheet(HTML) 48 Page - ams AG

Back Button AS3606 Datasheet HTML 44Page - ams AG AS3606 Datasheet HTML 45Page - ams AG AS3606 Datasheet HTML 46Page - ams AG AS3606 Datasheet HTML 47Page - ams AG AS3606 Datasheet HTML 48Page - ams AG AS3606 Datasheet HTML 49Page - ams AG AS3606 Datasheet HTML 50Page - ams AG AS3606 Datasheet HTML 51Page - ams AG AS3606 Datasheet HTML 52Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 71 page
background image
www.austriamicrosystems.com
Revision 1.03
47 - 70
AS3606 AS3607 2v2
Data Sheet - R e g i s t e r D e f i n i t i o n
Table 33. CHG_Config Register
Name
Base
Default
CHG_Config
2-wire serial
15h
Offset: 19h-3
Charger Configuration Register
This is an extended register and needs to be enabled by writing 011b to Reg. 1Ch first.
This register is reset at a VDD27-POR or XRES input.
Bit
Bit Name
Default
Access
Bit Description
7:5
-
000
n/a
4:3
CHG_I_EOC<1:0>
10
R/W
Configures the end of charge current threshold. Charging will be stopped if
the current drops below the threshold.
00: 8% of constant current setting
01: 15%
10: 10%
11: 20%
2:0
VSUP_EOC
<2:0>
101
R/W
Defines VSUP voltage after EOC and isolated battery.
000: 4.3V
001: 4.4V
010: 4.5V
011: 4.6V
100: 4.7V
101: 4.8V
110: 4.9V
111: 5.0V
Table 34. CHG_NTC Register
Name
Base
Default
CHG_NTC
2-wire serial
01h
Offset: 19h-4
Charger NTC Control Register
This is an extended register and needs to be enabled by writing 100b to Reg. 1Ch first.
This register is reset at a VDD27-POR or XRES input.
Bit
Bit Name
Default
Access
Bit Description
7:3
-
0000 0
n/a
2
NTC_MODE
0
R/W
Defines the temperature level for the battery temperature supervisor to stop
charging. (for beta of NTC = 4250)
0: 55ºC
1: 45ºC
1
NTC_10K
0
R/W
Defines the type of NTC used for battery temperature supervisor.
0: 100k
Ω
1: 10k
Ω
0
NTC_ON
1
R/W
Enables the battery temperature supervisor via NTC resistor.
0: NTC battery temp supervision disabled
1: NTC battery temp supervision enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com