Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3606 Datasheet(PDF) 47 Page - ams AG

Part # AS3606
Description  System PMU with HV Back Light Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3606 Datasheet(HTML) 47 Page - ams AG

Back Button AS3606 Datasheet HTML 43Page - ams AG AS3606 Datasheet HTML 44Page - ams AG AS3606 Datasheet HTML 45Page - ams AG AS3606 Datasheet HTML 46Page - ams AG AS3606 Datasheet HTML 47Page - ams AG AS3606 Datasheet HTML 48Page - ams AG AS3606 Datasheet HTML 49Page - ams AG AS3606 Datasheet HTML 50Page - ams AG AS3606 Datasheet HTML 51Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 71 page
background image
www.austriamicrosystems.com
Revision 1.03
46 - 70
AS3606 AS3607 2v2
Data Sheet - R e g i s t e r D e f i n i t i o n
Table 32. CHG_ICntr Register
Name
Base
Default
CHG_VCntr
2-wire serial
21h
Offset: 19h-2
Charger Current Control Register
This is an extended register and needs to be enabled by writing 010b to Reg. 1Ch first.
This register is reset at a VDD27-POR or XRES input.
Bit
Bit Name
Default
Access
Bit Description
7:4
CHG_I_CONSTANT
<3:0>
0010
R/W
Sets the current during constant current charging
0x0: 94mA
0x1: 141mA
0x2: 189mA
0x3: 237mA
0x4: 285mA
0x5: 332mA
0x6: 380mA
0x7: 428mA
0x8: 470mA
0x9: 517mA
0xA: 599mA
0xB: 760mA
0xC: 882mA
0xD: 1060mA
0xE, 0xF: do not use
3:0
CHG_I_TRICKLE
<3:0>
0001
R/W
Sets the current during constant current charging
0x0: 24mA
0x1: 35mA
0x2: 47mA
0x3: 59mA
0x4: 71mA
0x5: 83mA
0x6: 95mA
0x7: 107mA
0x8: 118mA
0x9: 129mA
0xA: 150mA
0xB: 190mA
0xC: 221mA
0xD: 265mA
0xE, 0xF: do not use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com