Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3606 Datasheet(PDF) 22 Page - ams AG

Part # AS3606
Description  System PMU with HV Back Light Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3606 Datasheet(HTML) 22 Page - ams AG

Back Button AS3606 Datasheet HTML 18Page - ams AG AS3606 Datasheet HTML 19Page - ams AG AS3606 Datasheet HTML 20Page - ams AG AS3606 Datasheet HTML 21Page - ams AG AS3606 Datasheet HTML 22Page - ams AG AS3606 Datasheet HTML 23Page - ams AG AS3606 Datasheet HTML 24Page - ams AG AS3606 Datasheet HTML 25Page - ams AG AS3606 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 71 page
background image
www.austriamicrosystems.com
Revision 1.03
21 - 70
AS3606 AS3607 2v2
Data Sheet - D e t a i l e d D e s c r i p t i o n - P o w e r M anage ment F uncti ons
8.3.5 Parameter
VSUPx=3.6V, TA= 25ºC, unless otherwise specified.
Figure 11. 30V Step-Up Performance Characteristics
Table 7. DCDC Parameter
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VSW
High Voltage Pin
Pin FBSU
0
30
V
IVDD
Quiescent Current
Pulse Skipping mode
140
µA
VFB
Feedback Voltage, Transientt
Pin CURR1 or CURR2
0
30
V
Pin FBSU
0
5
V
VFBSU
Feedback Voltage, for voltage
regulation
Pin FBSU
1.2
1.25
1.3
V
VCURR
Feedback Voltage, for current sink
regulation
Pin CURR1 or CURR2
0.4
0.5
0.6
V
IDCDC_FB
Additional Tuning Current at Pin
DCDC_FB and over voltage
protection
Adjustable by software using Register DCDC
control1
1µA step size (0-31µA)
VPROTECT = 1.25V +
IDCDC_FB * R1
031
µA
Accuracy of Feedback Current at
full scale
-6
6
%
RSW
Switch Resistance
1
Ω
ILOAD
Load Current
@ 30V output voltage
0
50
mA
FSW
Fixed Switching Frequency
SU_FREQU = 0
1
MHz
COUT
Output Capacitor
Ceramic, ±20%. Use nominal 4.7µF capacitors
to obtain at least 0.7µF under all conditions
(voltage dependence of capacitors)
0.7
4.7
µF
L
Inductor
Use inductors with small CPARASITIC (<100pF)
for high efficiency
710
13
µH
tMIN_ON
Minimum On-Time
Guaranteed per design
100
190
ns
MDC
Maximum Duty Cycle
Guaranteed per design
84
90
%
DCDC Boost 6 LEDs
55,00
60,00
65,00
70,00
75,00
80,00
85,00
90,00
1
10
100
Output Current [mA]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com