Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3606 Datasheet(PDF) 51 Page - ams AG

Part # AS3606
Description  System PMU with HV Back Light Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3606 Datasheet(HTML) 51 Page - ams AG

Back Button AS3606 Datasheet HTML 47Page - ams AG AS3606 Datasheet HTML 48Page - ams AG AS3606 Datasheet HTML 49Page - ams AG AS3606 Datasheet HTML 50Page - ams AG AS3606 Datasheet HTML 51Page - ams AG AS3606 Datasheet HTML 52Page - ams AG AS3606 Datasheet HTML 53Page - ams AG AS3606 Datasheet HTML 54Page - ams AG AS3606 Datasheet HTML 55Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 71 page
background image
www.austriamicrosystems.com
Revision 1.03
50 - 70
AS3606 AS3607 2v2
Data Sheet - R e g i s t e r D e f i n i t i o n
Table 38. Out_Cntr Register
Name
Base
Default
Out_Cntr
2-wire serial
00h
Offset: 1Ah-1
DCDC mode and XIRQ Output Control Register
This is an extended register and needs to be enabled by writing 001b to Reg. 1Ch first.
This register is reset at a VDD27-POR or XRES input.
Bit
Bit Name
Default
Access
Bit Description
7
DCDC23_1.4A
0
R/W
Combines DCDC2 and DCDC3 to one regulator for 1.4A output currents
0: DCDC2 and DCDC3 working independent
1: DCDC2 & DCDC3 combined for 1.4A (DCDC3 registers have no effect)
6
GPIO_HBN_ON
0
R/W
0: Hibernation enable via GPIOs disabled
1: Hibernation enalbe via GPIOs enabled
GPIO selected via GPIO_DIMM_HBN_SEL <1:0>
5:4
HBN_DELAY<1:0>
00
R/W
Sets the delay time for going into hibernation after writing to register 17-4h
00: 0ms
01: 8ms
10: 16ms
11: 32ms
3:2
DRIVE_XIRQ<1:0>
00
R/W
Sets the XIRQ output pin to open-drain, push-pull or tri-state and sets
various driving strengths
00: 6mA open-drain output
01: 6mA push-pull output
10: 1mA push-pull output
11: HiZ, tri-state
1:0
MUX_XIRQ<1:0>
00
R/W
Multiplexes various digital signals to the XIRQ output pin
00: XIRQ, active low interrupt request signal
01: CLKINT1, internal clock signal, see Clk_Cntr register
10: CLKINT2, internal clock signal, see Clk_Cntr register
11: IRQ, active low reset signal
Table 39. Clk_Cntr Register
Name
Base
Default
Clk_Cntr
2-wire serial
00h
Offset: 1Ah-2
Clock Control Register
This is an extended register and needs to be enabled by writing 010b to Reg. 1Ch first.
This register is reset at a VDD27-POR or XRES input.
Bit
Bit Name
Default
Access
Bit Description
7:6
CLKINT2<1:0>
00
R/W
Selects the CLKINT2 input source. Note, this is an internal clock, which can
be multiplexed to the XRES output.
00: LOW, drives the signal to logic “0”
01: CLK1Hz charger
10: do not use
11: HIGH, drives the signal to logic “1”
5:4
CLKINT1<1:0>
00
R/W
Selects the CLKINT1 frequency. Note, this is an internal clock, which can be
multiplexed to XIRQ output.
00: 2MHz
01: 1MHz
10: 1kHz
11: 125Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com