Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3606 Datasheet(PDF) 14 Page - ams AG

Part # AS3606
Description  System PMU with HV Back Light Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3606 Datasheet(HTML) 14 Page - ams AG

Back Button AS3606 Datasheet HTML 10Page - ams AG AS3606 Datasheet HTML 11Page - ams AG AS3606 Datasheet HTML 12Page - ams AG AS3606 Datasheet HTML 13Page - ams AG AS3606 Datasheet HTML 14Page - ams AG AS3606 Datasheet HTML 15Page - ams AG AS3606 Datasheet HTML 16Page - ams AG AS3606 Datasheet HTML 17Page - ams AG AS3606 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 71 page
background image
www.austriamicrosystems.com
Revision 1.03
13 - 70
AS3606 AS3607 2v2
Data Sheet - D e t a i l e d D e s c r i p t i o n - P o w e r M anage ment F uncti ons
8.1.2 LDO 1, LDO2, LDO3 & LDO4
These LDOs can be used to generate the periphery voltage for the digital processor or other external components (e.g. ext. DAC, USB-PHY, SD-
Cards, NAND-Flashes, FM-Tuner …). LDO4 is only available on AS3607.
Input Voltage VSUP5 for LDO3 and LDO4, and VSUP4 for LDO2 and LDO1
Output Voltage is PVDD1, PVDD2, PVDD3 & PVDD4 (1.2V to 3.5V)
Default value at start-up is defined by the boot ROM, when the boot ROM is not programmed the LDOs will not start-up
Driver strength: 150mA, can be programmed to 250mA
8.1.3 Parameter
VSUPx=3.6V, TA= 25ºC, unless otherwise specified.
Table 4. LDO Parameter
Symbol
Parameter
Condition
Min
Typ
Max
Unit
RON
On resistance
1
Ω
PSRR
Power supply rejection ratio
f=1kHz
70
dB
f=100kHz
40
IOFF
Shut down current
100
nA
IVDD
Supply current
without load
50
μA
low power enabled, without load
32
μA
Noise
Output noise
10Hz < f < 100kHz
50
µVrms
tstart
Startup time
200
µs
Vout_tol
Output voltage tolerance
minimum ±50mV
-2.5%
2.5%
mV
VLineReg
Line regulation
Static
<1
mV
Transient; Slope: tr=10µs
<10
VLoadReg
Load regulation
Static
<1
mV
Transient; Slope: tr=10µs
<10
ILIMIT
Current limitation
default
190
mA
has to be enabled via register
350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com