Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045B-ASST Datasheet(PDF) 7 Page - ams AG

Part # AS5045B-ASST
Description  12-Bit Programmable Magnetic Position Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045B-ASST Datasheet(HTML) 7 Page - ams AG

Back Button AS5045B-ASST Datasheet HTML 3Page - ams AG AS5045B-ASST Datasheet HTML 4Page - ams AG AS5045B-ASST Datasheet HTML 5Page - ams AG AS5045B-ASST Datasheet HTML 6Page - ams AG AS5045B-ASST Datasheet HTML 7Page - ams AG AS5045B-ASST Datasheet HTML 8Page - ams AG AS5045B-ASST Datasheet HTML 9Page - ams AG AS5045B-ASST Datasheet HTML 10Page - ams AG AS5045B-ASST Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
www.ams.com
Revision 1.0
7 - 33
AS5045B
Datasheet - Electrical Character i s t ics
6.1 Magnetic Input Specification
TAMB = -40 to +125°C, VDD5V = 3.0 to 3.6V (3V operation) VDD5V = 4.5 to 5.5V (5V operation) unless otherwise noted. Also valid for version I.
Two-pole cylindrical diametrically magnetized source:
IO
Output current
VDD5V: 4.5V
4
mA
VDD5V: 3V
2
DC Characteristics CMOS Output: PWM
VOH
High level output voltage
VDD5V –
0.5
V
VOL
Low level output voltage
VSS
+0.4
V
IO
Output current
VDD5V: 4.5V
4
mA
VDD5V: 3V
2
DC Characteristics CMOS Output: A, B, Index
VOH
High level output voltage
VDD5V –
0.5
V
VOL
Low level output voltage
VSS
+0.4
V
IO
Output current
VDD5V: 4.5V
4
mA
VDD5V: 3V
2
DC Characteristics Tri-state CMOS Output: DO
VOH
High level output voltage
VDD5V –
0.5
V
VOL
Low level output voltage
VSS
+0.4
V
IO
Output current
VDD5V: 4.5V
4
mA
VDD5V: 3V
2
IOZ
Tri-state leakage current
1
µA
1. Either with 3.3V or 5V supply.
Table 4. Magnetic Input Specification
Symbol
Parameter
Condition
Min
Typ
Max
Unit
dmag
Diameter
Recommended magnet: Ø 6mm x 2.5mm for
cylindrical magnets
46
mm
tmag
Thickness
2.5
mm
Bpk
Magnetic input field amplitude
Required vertical component of the magnetic
field strength on the die’s surface, measured
along a concentric circle with a radius of
1.1mm
45
75
mT
Boff
Magnetic offset
Constant magnetic stray field
± 10
mT
fmag_abs
Input frequency
(rotational speed of magnet)
153 rpm @ 4096 positions/rev
2.54
Hz
Disp
Displacement radius
Max. offset between defined device center
and magnet axis
(see Figure 17)
0.25
mm
Table 3. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com