Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045B-ASST Datasheet(PDF) 18 Page - ams AG

Part # AS5045B-ASST
Description  12-Bit Programmable Magnetic Position Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045B-ASST Datasheet(HTML) 18 Page - ams AG

Back Button AS5045B-ASST Datasheet HTML 14Page - ams AG AS5045B-ASST Datasheet HTML 15Page - ams AG AS5045B-ASST Datasheet HTML 16Page - ams AG AS5045B-ASST Datasheet HTML 17Page - ams AG AS5045B-ASST Datasheet HTML 18Page - ams AG AS5045B-ASST Datasheet HTML 19Page - ams AG AS5045B-ASST Datasheet HTML 20Page - ams AG AS5045B-ASST Datasheet HTML 21Page - ams AG AS5045B-ASST Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
www.ams.com
Revision 1.0
18 - 33
AS5045B
Datasheet - Application In form atio n
9.1.2 OTP Memory Assignment
9.1.3 User Selectable Settings
The AS5045B allows programming of the following user selectable options:
- PWMhalfEN_Indexwidth: Setting this bit, the PWM pulse will be divided by 2, in case of quadrature incremental mode A/B/Index setting
of Index impulse width from 1 LSB to 3LSB
- Z [11:0]: Programmable Zero / Index Position
Table 11. OTP Bit Assignment
Bit
Symbol
Function
mbit1
Factory Bit 1
51
PWMhalfEN_Index width
PMW frequency Index pulse width
50
MagCompEn
Alarm mode (programmed by ams to 1)
49
pwmDIS
Disable PWM
48
Reserved
12 bit inc. (programmed by ams)
bit 47 to 1, bit 48 to 0
47
Reserved
46
Z0
12-bit Zero Position
::
35
Z11
34
CCW
Direction
33
RA0
Redundancy Address
::
29
RA4
28
FS 0
Factory Bit
27
FS 1
26
FS 2
25
FS 3
24
FS 4
23
FS 5
::
20
FS 8
19
FS 9
18
FS 10
17
ChipID0
18-bit Chip ID
16
ChipID1
::
0
ChipID17
mbit0
Factory Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com