Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045B-ASST Datasheet(PDF) 6 Page - ams AG

Part # AS5045B-ASST
Description  12-Bit Programmable Magnetic Position Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045B-ASST Datasheet(HTML) 6 Page - ams AG

Back Button AS5045B-ASST Datasheet HTML 2Page - ams AG AS5045B-ASST Datasheet HTML 3Page - ams AG AS5045B-ASST Datasheet HTML 4Page - ams AG AS5045B-ASST Datasheet HTML 5Page - ams AG AS5045B-ASST Datasheet HTML 6Page - ams AG AS5045B-ASST Datasheet HTML 7Page - ams AG AS5045B-ASST Datasheet HTML 8Page - ams AG AS5045B-ASST Datasheet HTML 9Page - ams AG AS5045B-ASST Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
www.ams.com
Revision 1.0
6 - 33
AS5045B
Datasheet - Electrical Character i s t ics
6 Electrical Characteristics
TAMB = -40 to +125ºC, VDD5V = 3.0-3.6V (3V operation) VDD5V = 4.5-5.5V (5V operation) unless otherwise noted. Also valid for version I.
Table 3. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Operating Conditions
TAMB
Ambient temperature
Version I
-40
+125
ºC
Isupp
Supply current
16
21
mA
VDD5V
Supply voltage at pin VDD5V
5V Operation
4.5
5.0
5.5
V
VDD3V3 Voltage regulator output voltage at pin
VDD3V3
3.0
3.3
3.6
VDD5V
Supply voltage at pin VDD5V
3.3V Operation
(pin VDD5V and VDD3V3 connected)
3.0
3.3
3.6
V
VDD3V3
Supply voltage at pin VDD3V3
3.0
3.3
3.6
VON
Power-on reset thresholds
On voltage; 300mV typ. hysteresis
DC supply voltage 3.3V (VDD3V3)
1,37
2.2
2.9
V
Voff
Power-on reset thresholds
Off voltage; 300mV typ. hysteresis
1.08
1.9
2.6
Programming Conditions
VPROG
Programming voltage
Voltage applied during programming
3.3
3.6
V
VProgOff
Programming voltage off level
Line must be discharged to this level
0
1
V
IPROG
Programming current
Current during programming
100
mA
Rprogramme
d
Programmed fuse resistance (log 1)
10µA max. current @ 100mV
100k
∞Ω
Runprogram
med
Unprogrammed fuse resistance (log
0)
2mA max. current @ 100mV
50
100
Ω
DC Characteristics CMOS Schmitt-Trigger Inputs: CLK, CSn (CSn = Internal Pull-up)
VIH
High level input voltage
Normal operation
0.7 *
VDD5V
V
VIL
Low level input voltage
0.3 *
VDD5V
V
VIon- VIoff
Schmitt Trigger hysteresis
1
V
ILEAK
Input leakage current
CLK only
-1
1
µA
IiL
Pull-up low level input current
CSn only, VDD5V: 5.0V
-30
-100
DC Characteristics CMOS / Program Input: PDIO
VIH
High level input voltage
0.7 *
VDD5V
VDD5V
V
VPROG
1
High level input voltage
During programming
3.3
3.6
V
VIL
Low level input voltage
0.3 *
VDD5V
V
IiL
High level input current
VDD5V: 5.5V
30
100
µA
DC Characteristics CMOS Output Open Drain: MagINCn, MagDECn
IOZ
Open drain leakage current
1
µA
VOL
Low level output voltage
VSS +
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com