Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045B-ASST Datasheet(PDF) 1 Page - ams AG

Part # AS5045B-ASST
Description  12-Bit Programmable Magnetic Position Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045B-ASST Datasheet(HTML) 1 Page - ams AG

  AS5045B-ASST Datasheet HTML 1Page - ams AG AS5045B-ASST Datasheet HTML 2Page - ams AG AS5045B-ASST Datasheet HTML 3Page - ams AG AS5045B-ASST Datasheet HTML 4Page - ams AG AS5045B-ASST Datasheet HTML 5Page - ams AG AS5045B-ASST Datasheet HTML 6Page - ams AG AS5045B-ASST Datasheet HTML 7Page - ams AG AS5045B-ASST Datasheet HTML 8Page - ams AG AS5045B-ASST Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
AS5045B
12-Bit Programmable Magnetic Position Sensor
www.ams.com
Revision 1.0
1 - 33
1 General Description
The AS5045B is a contact less magnetic position sensor for accurate
angular measurement over a full turn of 360 degrees.
It is a system-on-chip, combining integrated Hall elements, analog
front end and digital signal processing in a single device.
To measure the angle, only a simple two-pole magnet, rotating over
the center of the chip, is required. The magnet can be placed above
or below the IC.
The absolute angle measurement provides instant indication of the
magnet’s angular position with a resolution of 0.0879º = 4096
positions per revolution. This digital data is available as a serial bit
stream and as a PWM signal.
An internal voltage regulator allows the AS5045B to operate at either
3.3V or 5V supplies.
2 Key Features

Contact less high resolution rotary position sensor over a full
turn of 360 degrees
Figure 1. Blockdiagram Rotary Position Sensor IC

Two digital 12-bit absolute outputs:
- Serial interface
- Pulse width modulated (PWM) output

Quadrature A/B/I output 12-bit

User programmable zero position

Failure detection mode for magnet placement, monitoring, and
loss of power supply

Red-Yellow-Green indicators display placement of magnet in Z-
axis

Serial read-out of multiple interconnected AS5045B devices
using Daisy Chain mode

Tolerant to magnet misalignment and gap variations

Wide temperature range: - 40ºC to +125ºC

Small Pb-free package: SSOP 16 (5.3mm x 6.2mm)
3 Applications
The device is ideal for industrial applications like automatic or
elevator doors, robotics, motor control and optical encoder
replacement.
ATAN
(Cordic)
Hall Array
&
Frontend
Amplifier
Absolute
Interface
(SSI)
Incremental
Interface
Sin
Cos
Ang
Mag
MagINCn
MagDECn
DO
PWM
CLK
A
B
PDIO
CSn
PWM
Interface
OTP
Register
VDD5V
VDD3V3
LDO 3.3V
AS5045B
I


Similar Part No. - AS5045B-ASST

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5045 AMSCO-AS5045 Datasheet
506Kb / 24P
12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
AS5045 AMSCO-AS5045 Datasheet
1Mb / 34P
12 Bit Programmable Magnetic Rotary Encoder
AS5045 AMSCO-AS5045 Datasheet
633Kb / 47P
12-Bit Programmable Magnetic Rotary Position Sensor
2017-Jul-13
AS5045-ASSM AMSCO-AS5045-ASSM Datasheet
633Kb / 47P
12-Bit Programmable Magnetic Rotary Position Sensor
2017-Jul-13
AS5045-ASST AMSCO-AS5045-ASST Datasheet
633Kb / 47P
12-Bit Programmable Magnetic Rotary Position Sensor
2017-Jul-13
More results

Similar Description - AS5045B-ASST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS5161 ETC2-AS5161 Datasheet
1Mb / 35P
12-Bit Magnetic Angle Position Sensor
AS5262 ETC2-AS5262 Datasheet
1Mb / 36P
12-Bit Magnetic Angle Position Sensor
logo
ams AG
AS5161 AMSCO-AS5161 Datasheet
1Mb / 36P
12-Bit Magnetic Angle Position Sensor
AS5162 AMSCO-AS5162 Datasheet
1Mb / 37P
12-Bit Magnetic Angle Position Sensor
AS5262 AMSCO-AS5262 Datasheet
1Mb / 37P
12-Bit Magnetic Angle Position Sensor
AS5055A AMSCO-AS5055A Datasheet
646Kb / 31P
Low Power 12-Bit Magnetic Position Sensor
AS5132 AMSCO-AS5132_V01 Datasheet
1Mb / 40P
360 Step (8.5 bit) Programmable High Speed Magnetic Position Sensor
2016-Jan-26
AS5600L AMSCO-AS5600L Datasheet
1Mb / 48P
12-Bit Programmable On-Axis Magnetic Rotary Position Sensor
2020-May-14
AS5045 AMSCO-AS5045_V01 Datasheet
633Kb / 47P
12-Bit Programmable Magnetic Rotary Position Sensor
2017-Jul-13
AS5055A AMSCO-AS5055A_V01 Datasheet
464Kb / 31P
Low Power 12-Bit Magnetic Position Sensor
2014-Oct-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com