Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045B-ASST Datasheet(PDF) 8 Page - ams AG

Part # AS5045B-ASST
Description  12-Bit Programmable Magnetic Position Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045B-ASST Datasheet(HTML) 8 Page - ams AG

Back Button AS5045B-ASST Datasheet HTML 4Page - ams AG AS5045B-ASST Datasheet HTML 5Page - ams AG AS5045B-ASST Datasheet HTML 6Page - ams AG AS5045B-ASST Datasheet HTML 7Page - ams AG AS5045B-ASST Datasheet HTML 8Page - ams AG AS5045B-ASST Datasheet HTML 9Page - ams AG AS5045B-ASST Datasheet HTML 10Page - ams AG AS5045B-ASST Datasheet HTML 11Page - ams AG AS5045B-ASST Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
www.ams.com
Revision 1.0
8 - 33
AS5045B
Datasheet - Electrical Character i s t ics
6.2 System Specifications
TAMB = -40 to +125°C, VDD5V = 3.0 to 3.6V (3V operation) VDD5V = 4.5 to 5.5V (5V operation) unless otherwise noted. Also valid for version I.
Ecc
Eccentricity
Eccentricity of magnet center to rotational axis
100
µm
Recommended magnet material and
temperature drift
NdFeB (Neodymium Iron Boron)
-0.12
%/K
SmCo (Samarium Cobalt)
-0.035
Table 5. Input Specification
Symbol
Parameter
Condition
Min
Typ
Max
Unit
RES
Resolution
0.088 deg
12
bit
INLopt
Integral non-linearity (optimum)
Maximum error with respect to the best line fit.
Centered magnet without calibration, TAMB
=25 ºC.
± 0.5
deg
INLtemp
Integral non-linearity (optimum)
Maximum error with respect to the best line fit.
Centered magnet without calibration,
TAMB = -40 to +125ºC
± 0.9
deg
INL
Integral non-linearity
Best line fit = (Errmax – Errmin) / 2
Over displacement tolerance with 6mm
diameter magnet, without calibration,
TAMB = -40 to +125ºC
± 1.4
deg
DNL
Differential non-linearity
12-bit, no missing codes
± 0.044
deg
TN
Transition noise
1 sigma
0.06
Deg
RMS
tPwrUp
Power-up time
Until status bit OCF = 1
20
ms
tdelay
System propagation delay
absolute output : delay of ADC, DSP
and absolute interface
96
µs
tdelayINC
System propagation delay
incremental output
192
µs
fS
Internal sampling rate for absolute
output
9.38
10.42
11.46
kHz
CLK/SEL
Read-out frequency
Max. clock frequency to read out serial data
1
MHz
Table 4. Magnetic Input Specification
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com