Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045B-ASST Datasheet(PDF) 14 Page - ams AG

Part # AS5045B-ASST
Description  12-Bit Programmable Magnetic Position Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045B-ASST Datasheet(HTML) 14 Page - ams AG

Back Button AS5045B-ASST Datasheet HTML 10Page - ams AG AS5045B-ASST Datasheet HTML 11Page - ams AG AS5045B-ASST Datasheet HTML 12Page - ams AG AS5045B-ASST Datasheet HTML 13Page - ams AG AS5045B-ASST Datasheet HTML 14Page - ams AG AS5045B-ASST Datasheet HTML 15Page - ams AG AS5045B-ASST Datasheet HTML 16Page - ams AG AS5045B-ASST Datasheet HTML 17Page - ams AG AS5045B-ASST Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
www.ams.com
Revision 1.0
14 - 33
AS5045B
Datasheet - Detailed Descr i p ti on
Figure 7. Hysteresis Window for Incremental Outputs
Incremental Output Validity. During power on the incremental output is kept stable high until the offset compensation is finished and the
CSn is low (internal Pull Up) the first time. In quadrature mode A = B = Index = high indicates an invalid output. If the interpolator recognizes a
difference larger than 128 steps between two samples it holds the last valid state. The interpolator synchronizes up again with the next valid
difference. This avoids undefined output burst, e.g. if no magnet is present.
8.3 Daisy Chain Mode
The Daisy Chain mode allows connection of several AS5045Bs in series, while still keeping just one digital input for data transfer (see “Data IN”
in Figure 8). This mode is accomplished by connecting the data output (DO; pin 9) to the data input (PDIO; pin 8) of the subsequent device. The
serial data of all connected devices is read from the DO pin of the first device in the chain. The length of the serial bit stream increases with every
connected device, it is n * (18+1) bits: n= number of devices. e.g. 38 bit for two devices, 57 bit for three devices, etc.
The last data bit of the first device (Parity) is followed by a dummy bit and the first data bit of the second device (D11), etc. (see Figure 9).
Figure 8. Daisy Chain Hardware Configuration
Magnet Position
Hysteresis :
0.35°
X +2
Incremental
Output
Indication
Clockwise Direction
Counterclockwise Direction
X +4
X
X
X +2
X +4 X +5
X +3
X +1
X +1
X +3
X +6
X +5
X +6
CSn
CSn
CSn
CSn
CLK
CLK
CLK
CLK
Data IN
AS5045B
1
st Device
AS5045B
2
nd Device
AS5045B
last Device
µC
DO
DO
DO
PDIO
PDIO
PDIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com