Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5050 Datasheet(PDF) 12 Page - ams AG

Part # AS5050
Description  Low Power 10-Bit Magnetic Rotary Encoder
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5050 Datasheet(HTML) 12 Page - ams AG

Back Button AS5050 Datasheet HTML 8Page - ams AG AS5050 Datasheet HTML 9Page - ams AG AS5050 Datasheet HTML 10Page - ams AG AS5050 Datasheet HTML 11Page - ams AG AS5050 Datasheet HTML 12Page - ams AG AS5050 Datasheet HTML 13Page - ams AG AS5050 Datasheet HTML 14Page - ams AG AS5050 Datasheet HTML 15Page - ams AG AS5050 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
www.ams.com/AS5050
Revision 1.16
12 - 25
AS5050
Datasheet - Detailed Descri p ti on
SOFTWARE RESET Command. The SOFTWARE RESET command is implemented as WRITE command. The bit ‘RES SPI’ of the DATA
package indicates if the SPI registers should be reset as well. The soft reset resets the digital part (‘RES SPI’ is set to one) as well as the OTP
memory. A new OTP memory auto-load is initiated and the reset values stored in the OTP memory are loaded into the configuration registers.
The command following the SOFTWARE RESET command can be any of the commands specified in this chapter.
After the data package is sent, the soft reset is generated. The fuses of the OTP memory are loaded into the registers and a new conversion
cycle will be started. If the device is in sleep mode the oscillator will be started first.
Figure 8. SOFTWARE RESET Command
In order to invoke a software reset on the AS5050 the following bit pattern has to be sent.
Table 11. SOFTWARE RESET Command
Bit
MSB
14
13
12
11
10
9
8
7
6
5
4
3
2
1
LSB
011
11000
00000
00
PAR
SOFTWARE RESET command
PAR
Table 12. Data Package
Bit
MSB
14
13
12
11
10
9
8
7
6
5
4
3
2
1
LSB
Don’t care
RES SPI Don’t care PAR
Bit
Description
RES SPI
If set to one, SPI registers are reset as well
1
1. After a power on reset, the OTP will be read and hence OTP related
registers are changed independent on the RES SPI flag.
PAR
Parity bit (EVEN)
SOFTWARE
RESET
command
DATA
MOSI
MSB
LSB
MSB
LSB
Response-1
0x 0000
MISO
MSB
LSB
MSB
LSB
TCOM
Transmission N
Transmission N +1
Next command
MSB
LSB
0x 0000
MSB
LSB
Transmission N +2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com