Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5050 Datasheet(PDF) 20 Page - ams AG

Part # AS5050
Description  Low Power 10-Bit Magnetic Rotary Encoder
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5050 Datasheet(HTML) 20 Page - ams AG

Back Button AS5050 Datasheet HTML 16Page - ams AG AS5050 Datasheet HTML 17Page - ams AG AS5050 Datasheet HTML 18Page - ams AG AS5050 Datasheet HTML 19Page - ams AG AS5050 Datasheet HTML 20Page - ams AG AS5050 Datasheet HTML 21Page - ams AG AS5050 Datasheet HTML 22Page - ams AG AS5050 Datasheet HTML 23Page - ams AG AS5050 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
www.ams.com/AS5050
Revision 1.16
20 - 25
AS5050
Datasheet - Ap plicati on Information
8.2 Placement of the Magnet
Non-Linearity Error over Displacement.
As shown in Figure 18, the recommended horizontal position of the magnet axis is over the diagonal center of the IC.
Figure 17 shows a typical error curve at a vertical magnet distance of 1.0mm, measured with a NdFeB N35H magnet with 6mm diameter and
2.5mm height.
The X- and Y- axis of the graph indicate the lateral displacement of the magnet center with respect to the IC center.
At X = Y = 0, the magnet is perfectly centered over the IC. The total displacement plotted on the graph is for ±1mm in both directions.
The Z-axis displays the worst case INL error over a full turn at each given X-and Y- displacement. The error includes the quantization error of ±½
LSB. At the sample shown in Figure 17, the accuracy for a centered magnet is better than 0.5°. Within a radius of 0.5mm, the accuracy is about
1.0° (spec = 1.41° over temperature).
Figure 17. Integral Non-linearity Over Displacement of the Magnet
-1.0
-0.7
-0.4
-0.1
0.2
0.5
0.8
0
0.5
1
1.5
2
2.5
3
3.5
4
INL [°]
X-displacement [mm]
Y-displacement [mm]
Non-Linearity @ z=1mm
3.5-4
3-3.5
2.5-3
2-2.5
1.5-2
1-1.5
0.5-1
0-0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com