Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5050 Datasheet(PDF) 5 Page - ams AG

Part # AS5050
Description  Low Power 10-Bit Magnetic Rotary Encoder
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5050 Datasheet(HTML) 5 Page - ams AG

  AS5050 Datasheet HTML 1Page - ams AG AS5050 Datasheet HTML 2Page - ams AG AS5050 Datasheet HTML 3Page - ams AG AS5050 Datasheet HTML 4Page - ams AG AS5050 Datasheet HTML 5Page - ams AG AS5050 Datasheet HTML 6Page - ams AG AS5050 Datasheet HTML 7Page - ams AG AS5050 Datasheet HTML 8Page - ams AG AS5050 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
www.ams.com/AS5050
Revision 1.16
5 - 25
AS5050
Datasheet - Electrical Character i s t ics
6 Electrical Characteristics
6.1 Operating Conditions
6.2 System Parameters
6.3 DC/AC Characteristics
Digital pads: MISO, MOSI, SCK, SS/, EN_INT/, INT/, Wire_mode
Table 3. Operating Conditions
Parameter
Conditions
Min
Typ
Max
Units
DC supply voltage
VDD
3.0
3.6
V
Peripheral supply voltage
1
1. VDDp must not exceed VDD (protection diode between VDDp and VDD)
VDDp
1.8
VDD
V
Input pin voltage
VIN
-0.3
VDDp +0.3
V
Ambient operating temperature
-40
85
°C
External component
Power supply filter, pin VDD
(refer to Power Supply Filter on page 6)
2.2
4.7
µF
15
33
Ω
Ceramic capacitor, pin VDDp to VSS
100
nF
Table 4. System Parameters
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I_10
Operating current
Average current @ 10ms readout rate
1
1. Without the time for the SPI interface
0.4
mA
I_100
Average current @ 100ms readout rate
40
µA
I_max
Maximum readout rate
8.5
mA
Readout rate
Time between READ ANGLE command and
INTERRUPT
320
430
µs
Power down current
Power down current
3
µA
Rd
Lateral displacement range
Centre of the magnet to the centre of the die
-
± 0.5
mm
BZ
Magnetic field strength
30
-
80
mT
Serial interface
SPI mode 1 (CPOL = 0 / CPHA =1)
Resolution; angle
10
bit
INL
Best-fit line - over supply, displacement and
temperature – but without quantization
-1.41
1.41
degree
IC package
QFN 4x4x0.85
Table 5. DC/AC Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
High level input voltage
0.7 * VDDp
V
VIL
Low level input voltage
VDDp > 2.7V
0.3 * VDDp
V
VIL
Low level input voltage
VDDp < 2.7V
0.25 * VDDp
V
ILEAK
Input leakage current
1
µA
VOH
High level output voltage
VDDp - 0.5
V
VOL
Low level output voltage
VSS + 0.4
V
CL
Capacitive load
35
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com